Electronic Components Datasheet Search
  English  ▼

X  

PDTC143EQA Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # PDTC143EQA
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EQA Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button PDTC143EQA Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 18Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 19Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 20Page - Nexperia B.V. All rights reserved PDTC143EQA Datasheet HTML 21Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Nexperia
PDTC143/114/124/144EQA series
50 V, 100 mA NPN resistor-equipped transistor
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4.1
Binary marking code description. . . . . . . . . . . . 3
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 5
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 6
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . 15
8.1
Quality information . . . . . . . . . . . . . . . . . . . . . 15
8.2
Resistor calculation . . . . . . . . . . . . . . . . . . . . 15
8.3
Resistor test conditions . . . . . . . . . . . . . . . . . 15
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16
10
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . 19
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 19
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
12.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 20
13
Contact information. . . . . . . . . . . . . . . . . . . . . 20
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
© Nexperia B.V. 2017. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 30 October 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com