Electronic Components Datasheet Search
  English  ▼

X  

PDTC124XQC Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQC
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQC Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTC124XQC Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTC124XQC Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
PDTC143X/123J/143Z/114Y/124XQC
series
50 V, 100 mA NPN resistor-equipped transistors
aaa-021336
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 30. PDTC124XQC: Collector-emitter saturation
voltage as a function of collector current;
typical values
IC (mA)
10-1
102
10
1
aaa-021295
10
1
102
VI(on)
(V)
10-1
(1)
(2)
(3)
VCE = 0.5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 31. PDTC124XQC: On-state input voltage as a
function of collector current; typical values
IC (mA)
10-1
10
1
aaa-021296
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 32. PDTC124XQC: Off-state input voltage as a
function of collector current; typical values
VCB (V)
0
50
40
20
30
10
aaa-021337
1
2
3
Cc
(pF)
0
f = 1 MHz
Tamb = 25 °C
Fig. 33. PDTC124XQC: Collector capacitance as a
function of collector-base voltage; typical
values
PDTC143X_TO_124XQC_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com