Electronic Components Datasheet Search
  English  ▼

X  

PDTD123TT Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTD123TT
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD123TT Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTD123TT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTD123TT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.
Product profile
1.1 General description
500 mA NPN Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTD123T series
NPN 500 mA, 50 V resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = open
Rev. 03 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
JEDEC
PDTD123TK
SOT346
SC-59A
TO-236
PDTB123TK
PDTD123TS[1]
SOT54
SC-43A
TO-92
PDTB123TS
PDTD123TT
SOT23
-
TO-236AB
PDTB123TT
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
500 mA output current capability
Digital application in automotive and
industrial segments
Cost saving alternative for BC817 series
in digital applications
Controlling IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
500
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com