Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5503
Description  Low Cost 24V SLIC For PABX / Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503 Datasheet(HTML) 2 Page - Intersil Corporation

  HC5503 Datasheet HTML 1Page - Intersil Corporation HC5503 Datasheet HTML 2Page - Intersil Corporation HC5503 Datasheet HTML 3Page - Intersil Corporation HC5503 Datasheet HTML 4Page - Intersil Corporation HC5503 Datasheet HTML 5Page - Intersil Corporation HC5503 Datasheet HTML 6Page - Intersil Corporation HC5503 Datasheet HTML 7Page - Intersil Corporation HC5503 Datasheet HTML 8Page - Intersil Corporation HC5503 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Block Diagram
RD
RFS
TIP
TF
RING
RF
VBAT
VCC
BGND
DGND
TX
RX
SHD
RS
RC
PD
RING RELAY
DRIVER
4-WIRE
INTERFACE
VF SIGNAL
PATH
LOOP CURRENT
DETECTOR
BIAS
LOGIC
INTERFACE
RING TRIP
DETECTOR
2-WIRE
INTERFACE
C1
C2
AGND
THERMAL LIMIT
HC5503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com