Electronic Components Datasheet Search
  English  ▼

X  

CA3161 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CA3161
Description  BCD to Seven Segment Decoder/Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3161 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CA3161 Datasheet HTML 1Page - Renesas Technology Corp CA3161 Datasheet HTML 2Page - Renesas Technology Corp CA3161 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FN1079 Rev.3.00
Page 2 of 3
Aug 1997
CA3161
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1997. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Absolute Maximum Ratings
Thermal Information
DC VSUPPLY (Between Terminals 1 and 10) . . . . . . . . . . . . . . +7.0V
Input Voltage (Terminals 1, 2, 6, 7) . . . . . . . . . . . . . . . . . . . . . +5.5V
Output Voltage
Output “Off”. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Output “On” (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75C
Thermal Resistance (Typical, Note 2)
JA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. This is the maximum output voltage for any single output. The output voltage must be consistent with the maximum dissipation and derating curve
for worst case conditions. Example: All segments “ON”, 100% duty cycle.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25×oC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VSUPPLY Operating Range, V+
4.555.5
V
Supply Current, l+ (All Inputs High)
-
3.5
8
mA
Output Current Low (VO = 2V)
18
25
32
mA
Output Current High (VO = 5.5V)
-
-
250
A
Input Voltage High (Logic “1” Level)
2
-
-
V
Input Voltage Low (Logic “0” Level)
-
-
0.8
V
Input Current High (Logic “1”)
2V
-30
-
-
A
Input Current Low (Logic “0”)
0V
-40
-
-
A
Propagation Delay Time,
tPHL
-2.6
-
s
tPLH
-1.4
-
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com