Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2364 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 5Page - NXP Semiconductors LPC2364 Datasheet HTML 6Page - NXP Semiconductors LPC2364 Datasheet HTML 7Page - NXP Semiconductors LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LPC2364_66_68_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 September 2006
9 of 48
Philips Semiconductors
LPC2364/2366/2368
Fast communication chip
P1.19/CAP1.1
33
I/O
P1.19 — General purpose digital input/output pin.
I
CAP1.1 — Capture input for Timer 1, channel 1.
P1.20/PWM1.2/
SCK0
34
I/O
P1.20 — General purpose digital input/output pin.
O
PWM1.2 — Pulse Width Modulator 1, channel 2 output.
I/O
SCK0 — Serial clock for SSP0.
P1.21/PWM1.3/
SSEL0
35
I/O
P1.21 — General purpose digital input/output pin.
O
PWM1.3 — Pulse Width Modulator 1, channel 3 output.
I/O
SSEL0 — Slave Select for SSP0.
P1.22/MAT1.0
36
I/O
P1.22 — General purpose digital input/output pin.
O
MAT1.0 — Match output for Timer 1, channel 0.
P1.23/PWM1.4/
MISO0
37
I/O
P1.23 — General purpose digital input/output pin.
O
PWM1.4 — Pulse Width Modulator 1, channel 4 output.
I/O
MISO0 — Master In Slave Out for SSP0.
P1.24/PWM1.5/
MOSI0
38
I/O
P1.24 — General purpose digital input/output pin.
O
PWM1.5 — Pulse Width Modulator 1, channel 5 output.
I/O
MOSI0 — Master Out Slave in for SSP0.
P1.25/MAT1.1
39
I/O
P1.25 — General purpose digital input/output pin.
O
MAT1.1 — Match output for Timer 1, channel 1.
P1.26/PWM1.6/
CAP0.0
40
I/O
P1.26 — General purpose digital input/output pin.
O
PWM1.6 — Pulse Width Modulator 1, channel 6 output.
I
CAP0.0 — Capture input for Timer 0, channel 0.
P1.27/CAP0.1
43
I/O
P1.27 — General purpose digital input/output pin.
I
CAP0.1 — Capture input for Timer 0, channel 1.
P1.28/
PCAP1.0/
MAT0.0
44
I/O
P1.28 — General purpose digital input/output pin.
I
PCAP1.0 — Capture input for PWM1, channel 0.
O
MAT0.0 — Match output for Timer 0, channel 0.
P1.29/
PCAP1.1/
MAT0.1
45
I/O
P1.29 — General purpose digital input/output pin.
I
PCAP1.1 — Capture input for PWM1, channel 1.
O
MAT0.1 — Match output for Timer 0, channel 0.
P1.30/VBUS/
AD0.4
21
I/O
P1.30 — General purpose digital input/output pin.
I
VBUS — Indicates the presence of USB bus power.
Note: This signal must be HIGH for USB reset to occur.
I
AD0.4 — ADC 0, input 4.
P1.31/SCK1/
AD0.5
20
I/O
P1.31 — General purpose digital input/output pin.
I/O
SCK1 — Serial Clock for SSP1.
I
AD0.5 — ADC 0, input 5.
P2.0 to P2.31
I/O
Port 2: Port 2 is a 32 bit I/O port with individual direction controls for each bit. The
operation of port 2 pins depends upon the pin function selected via the Pin Connect
block. Pins 14 through 31 of this port are not available.
Table 3.
Pin description …continued
Symbol
Pin
location
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com