Electronic Components Datasheet Search
  English  ▼

X  

DA7280-00FVC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA7280-00FVC
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280-00FVC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA7280-00FVC Datasheet HTML 10Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 11Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 12Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 13Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input
Triggers, Integrated Waveform Memory and
Wideband Support
Datasheet
Revision 3.2
02-Mar-2022
CFR0011-120-00
14 of 84
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Max
Unit
tLO_SCL
SCL low time
0.5
µs
tHI_SCL
SCL high time
0.26
µs
tRISE
SCL and SDA rise time
120
ns
tFALL
SCL and SDA fall time
120
ns
tSETUP_DATA
Data setup time
50
ns
tHOLD_DATA
Data hold-time
0
ns
tSETUP_STOP
Stop condition setup time
0.26
µs
tDATA
Data valid time
0.45
µs
tDATA_ACK
Data valid acknowledge time
0.45
µs
tSPIKE
Spike suppression (SCL, SDA)
Fast/Fast+ mode
50
ns
Note 1
fSCL maximum is 400 kHz at VDDIO
≤ 1.65 V and 1000 kHz at VDDIO > 1.65 V.
4.5
Thermal Characteristics
Table 10: WLCSP Thermal Ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
90.3
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
43.6
°C/W
RƟJB
Junction-to-board thermal resistance
49.0
°C/W
JT
Junction-to-top characterization parameter
6.4
°C/W
JB
Junction-to-board characterization parameter
45.8
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.
Table 11: QFN Thermal Ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
88.2
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
54.6
°C/W
RƟJB
Junction-to-board thermal resistance
39.3
°C/W
JT
Junction-to-top characterization parameter
3.4
°C/W
JB
Junction-to-board characterization parameter
50.0
°C/W
RƟJC_BOTTOM
Junction-to-case (bottom) thermal resistance
4.4
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com