Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 26Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 27Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 28Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 33Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
30 of 87
© 2022 Renesas Electronics
automatically calculates the values required and sets the registers based on the entered actuator
datasheet parameters. If the Dialog SmartCanvas GUI is not used, follow the steps outlined in this
section.
5.6.1
Boot
DA7282 comes out of reset when a power supply is provided to the device and boots for 1.5 ms. This
is followed by entry to the Inactive mode where the device is kept in its lowest power state.
5.6.2
Actuator Setup
The following setup procedure needs to be observed to program DA7282 to work with a specific
actuator:
1. Choose the correct actuator type using ACTUATOR_TYPE, 0 = LRA and 1 = ERM.
2. Choose the correct nominal maximum voltage across the actuator by checking the actuator
datasheet for the maximum allowed RMS voltage and writing the value to
ACTUATOR_NOMMAX. The allowable range is between 0 V and 6 V in 23.4 mV steps. The
ACTUATOR_NOMMAX setting can be calculated using the following formula:
������������������������������������������������_������������������������������������[7: 0] =
������������������������������������������������������_������������������������������������
23.4 × 10−3
(1)
3. Choose the correct absolute maximum peak voltage across the actuator by checking the actuator
datasheet and writing the value to ACTUATOR_ABSMAX. The allowable range is between 0 V
and 6 V in 23.4 mV steps. The ACTUATOR_ABSMAX value can be calculated using the
following formula:
������������������������������������������������_������������������������������������[7: 0] =
������������������������������������������������������_������������������������������������
23.4 × 10−3
(2)
4. Program the IMAX value (in units of mA) for the actuator using the following formula:
������������������������[4: 0] =
������max _������������������������������������������������_������������ − 28.6
7.2
– where Imax_actuator_mA is the actuator max rated current in mA, as listed in its datasheet.
Note that in general this should slightly exceed the ACTUATOR_ABSMAX voltage
divided by the actuator impedance.
(3)
5. Program the impedance of the actuator by checking the actuator datasheet and calculating the
values for V2I_FACTOR_H and V2I_FACTOR_L using the following formulae:
������2������_������������������������������������[15: 0] =
������ × (������������������������[4: 0] + 4)
1.6104
(4)
������2������_������������������������������������_������[7: 0] =
������2������_������������������������������������[15: 0] − ������2������_������������������������������������_������[7: 0]
256
(5)
������2������_������������������������������������_������[7: 0] = ������2������_������������������������������������[15: 0] − 256 × ������2������_������������������������������������_������[7: 0]
(6)
– Where V2I_FACTOR[15:0] is the 16-bit concatenation of V2I_FACTOR_H[7:0] and
V2I_FACTOR_L[7:0], Z is the impeda
nce of the actuator in Ω (as read from its datasheet),
and IMAX[4:0] is the 5-bit value of IMAX.
6. Program the LRA resonant frequency in terms of period by updating LRA_PER_H and
LRA_PER_L based on the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com