Electronic Components Datasheet Search
  English  ▼

X  

P83C528FHA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P83C528FHA
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528FHA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P83C528FHA Datasheet HTML 3Page - NXP Semiconductors P83C528FHA Datasheet HTML 4Page - NXP Semiconductors P83C528FHA Datasheet HTML 5Page - NXP Semiconductors P83C528FHA Datasheet HTML 6Page - NXP Semiconductors P83C528FHA Datasheet HTML 7Page - NXP Semiconductors P83C528FHA Datasheet HTML 8Page - NXP Semiconductors P83C528FHA Datasheet HTML 9Page - NXP Semiconductors P83C528FHA Datasheet HTML 10Page - NXP Semiconductors P83C528FHA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
7
PIN DESCRIPTION
PIN NO.
MNEMONIC
DIP
SDIL
LCC
QFP
TYPE
NAME AND FUNCTION
VSS
20
21
22
16
I
Ground: circuit ground potential.
VDD
40
42
44
38
I
Power Supply: +5V power supply pin during normal operation, Idle mode and
Power-down mode.
P0.0–0.7
39–32
41–34
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses to external program
and data memory. In this application, it uses strong internal pull-ups when emitting
1s.
P1.0–P1.7
1–8
1–8
2–9
40–44
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups, except P1.6 and
P1.7 which have open drain. Port 1 pins that have 1s written to them are pulled high
by the internal pull-ups and can be used as inputs. As inputs, port 1 pins that are
externally pulled low will source current because of the internal pull-ups. (See DC
Electrical Characteristics: IIL). Port 1 can sink/source one TTL (4 LSTTL) inputs.
1
1
2
40
I
T2 (P1.0): Timer/counter 2 external count input (following edge triggered).
2
2
3
41
I
T2EX (P1.1): Timer/counter 2 trigger input.
7
7
8
2
I/O
SCL (P1.6): I2C serial port clock line.
8
8
9
3
I/O
SDA (P1.7): I2C serial port data line.
P2.0–P2.7
21–28
22–29
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 2 pins that are externally being pulled low will source current
because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2
emits the high-order address byte during fetches from external program memory
and during accesses to external data memory that use 16-bit addresses (MOVX
@DPTR). In this application, it uses strong internal pull-ups when emitting 1s.
During accesses to external data memory that use 8-bit addresses (MOV @Ri), port
2 emits the contents of the P2 special function register.
P3.0–P3.7
10–17
10–18
(11=NC)
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 3 pins that are externally being pulled low will source current
because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves
the special features of the SC80C51 family, as listed below:
10
10
11
5
I
RxD (P3.0): Serial input port
11
12
13
7
O
TxD (P3.1): Serial output port
12
13
14
8
I
INT0 (P3.2): External interrupt
13
14
15
9
I
INT1 (P3.3): External interrupt
14
15
16
10
I
T0 (P3.4): Timer 0 external input
15
16
17
11
I
T1 (P3.5): Timer 1 external input
16
17
18
12
O
WR (P3.6): External data memory write strobe
17
18
19
13
O
RD (P3.7): External data memory read strobe
RST
9
9
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VDD. After a watchdog timer overflow, this pin is
pulled high while the internal reset signal is active.
ALE
30
31
33
27
I/O
Address Latch Enable: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 the oscillator frequency, and can be used for external timing or
clocking. Note that one ALE pulse is skipped during each access to external data
memory.
PSEN
29
30
32
26
O
Program Store Enable: The read strobe to external program memory. When the
device is executing code from the external program memory, PSEN is activated
twice each machine cycle, except that two PSEN activations are skipped during
each access to external data memory. PSEN is not activated during fetches from
internal program memory.
EA
31
33
35
29
I
External Access Enable: EA must be externally held low during RESET to enable
the device to fetch code from external program memory locations 0000H to 7FFFH.
If EA is held high during RESET, the device executes from internal program memory
unless the program counter contains an address greater than 7FFFH. EA is don’t
care after RESET.
XTAL1
19
20
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
19
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com