Electronic Components Datasheet Search
  English  ▼

X  

PCE-VT3800S Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VT3800S
Description  Vibration Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VT3800S Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VT3800S Datasheet HTML 1Page - PCE Instruments. PCE-VT3800S Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
PCE Instruments UK Ltd.
Phone: +44 023 8098 7030
PCE Americas Inc.
Phone: +1 (561) 320-9162
United Kingdom, SO31 4RF
info@pce-instruments.co.uk
USA, Jupiter, 33458 FL
info@pce-americas.com
General features and specifications PCE-VT 3800 Series
PCE-VT 3800 vibration analyzer
Measurements
acceleration, velocity, displacement,
RMS, peak, peak-peak, crest factor,
automatic ISO 10816-3 evaluation
Units
can be switched to metric / imperial
Manual memory
99 folders with 50 measured values each
Data logger
various start/stop triggers
measurement interval
between 1 s … 12 h
50 memory locations with 43200 measured
values each
Menu languages
English, German, French,
Spanish, Italian, Dutch,
Portuguese, Turkish, Polish,
Russian, Chinese, Japanese
Display
2.48" LC display
Interface
micro USB interface
Power supply
LiPo battery (3.7 V, 2500 mAh),
rechargeable,
with USB 5 VDC, 500 mA
Operating time
approx
. 15 … 20 h
(depending on display brightness)
Operating and
-20 ... +65 °C / -4 ... 149 °F
storage conditions
10% RH ... 95% RH, non-condensing
Dimensions
165 x 85 x 32 mm / 6.5 x 3.3 x 1.3"
Weight
239 g / 8.4 oz
Model types
differing only in sensors
Technical data
vibration sensor
PCE-VT 3800
PCE-VT 3800S
Housing material
stainless steel
stainless steel
and plastic
Resonance frequency
24 kHz
24 kHz
Transverse sensitivity
< 5 %
< 5 %
Destruction limit
5000 g (Peak)
5000 g (Peak)
Operating and storage
temperature
-
55 °C … +150 °C
-67 °F ... +302 °F
-
55 °C … +150 °C
-67 °F ... +302 °F
Sensor dimensions
Ø 17 x 46 mm /
Ø 0.67 x 1.8"
Ø 29 x 81 mm /
1.14 x 3.18"
Weight (without cable)
52 g / 1.8 oz
Ø 119 g / 4.2 oz
Mounting thread
¼” - 28 UNF
¼” – 28 UNF
Technical specifications
depending on measurement parameter
Vibration acceleration
Measurement range
0.0 … 399.9 m/s²
Resolution
0.1 m/s²
Accuracy*
±2 %
Frequency range
10 Hz … 10 kHz
Vibration velocity
Measurement range
0.0 … 399.9 mm/s
Resolution
0.1 mm/s
Accuracy*
±2 %
Frequency range
10 Hz … 1 kHz
Vibration displacement
Measurement range
0.0 … 3.9 mm
Resolution
1.0 µm
Accuracy*
±2 %
Frequency range
10 Hz … 200 Hz
* Accuracy with reference frequency 160 Hz
Subject to change



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com