Electronic Components Datasheet Search
  English  ▼

X  

MABACT0059 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0059
Description  1:1 Transmission Line Transformer 4.5 - 3000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0059 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0059 Datasheet HTML 1Page - Tyco Electronics MABACT0059 Datasheet HTML 2Page - Tyco Electronics MABACT0059 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Transmission Line Transformer 4.5 – 3000MHz
MABACT0059
V1P
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
RoHS
Compliant
Features
• Surface mount
• Wide frequency range
• 1:1 impedance
• Lead Free
• RoHS* Compliant and is 2600C reflow compatible.
• Available on Tape and Reel, reel quantity 2000
Description
M/A Com’s MABACT0059 is a 1:1 Transmission Line
Transformer. The windings of the MABACT0059 are
welded to the package substrate for improved reliabil-
ity and to eliminate lead content. This Transformer is
ideally suited for CATV and Satellite STB/Subscriber
applications.
Ordering Information
Part Number
Package
MABACT0059
2000 piece reel
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Case Style SM-22B
Pin Configuration
Function
Pin Number
Secondary
1
Not Connected
2
Secondary Dot
3
Primary dot
4
Primary
5
12 3
5
4


Similar Part No. - MABACT0059

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
635Kb / 2P
Twelve different part numbers
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results

Similar Description - MABACT0059

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007327-CT1A40 MACOM-MABA-007327-CT1A40 Datasheet
86Kb / 3P
1:1 Tx Line Balun Transformer 4.5-3000MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0065 MACOM-MABACT0065 Datasheet
182Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0065 MA-COM-MABACT0065 Datasheet
127Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com