Electronic Components Datasheet Search
  English  ▼

X  

RPA40-FR Datasheet(PDF) 4 Page - Recom International Power

Part # RPA40-FR
Description  40 Watt 2“ x 1“ Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA40-FR Datasheet(HTML) 4 Page - Recom International Power

  RPA40-FR Datasheet HTML 1Page - Recom International Power RPA40-FR Datasheet HTML 2Page - Recom International Power RPA40-FR Datasheet HTML 3Page - Recom International Power RPA40-FR Datasheet HTML 4Page - Recom International Power RPA40-FR Datasheet HTML 5Page - Recom International Power RPA40-FR Datasheet HTML 6Page - Recom International Power RPA40-FR Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.recom-power.com
REV.: 0/2023
RPA-4
DC/DC Converter
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA40-FR
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0%
Line Regulation
low line to high line, full load
Single
±0.2%
Dual
±0.5%
Load Regulation
0% to 100% load
Single
0.5%
Dual
1.0%
Cross Regulation
asymmetrical 25% / 100% load
±5.0%
Transient Response
25% load step change
250µs typ.
DVout=
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
24.240
24.480
24.720
24.960
25.200
25.440
25.680
25.920
26.160
26.400
[VDC]
R
UP (E96) =
953k
475k
301k
215k
165k
127k
102k
82k5
68k1
56k2
[
W]
DVout=
11
12
13
14
15
16
17
18
19
20
[%]
Vout
set =
26.640
26.880
27.120
27.360
27.600
27.840
28.080
28.320
28.560
28.800
[VDC]
R
UP (E96) =
46k4
38k3
30k9
24k9
20k
15k4
11k3
7k68
4k53
1k62
[
W]
DVout=
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
[%]
Vout
set =
23.760
23.520
23.280
23.040
22.800
22.560
22.320
22.080
21.840
21.600
[VDC]
R
DOWN (E96) =
732k
324k
191k
127k
86k6
59k
40k2
26k1
15k4
6k49
[
W]
RPA40-11024SFR
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
zener diode clamp
5Vout, 5.1Vout
6.2VDC typ.
12Vout
15VDC typ.
15Vout
20VDC typ.
24Vout
30VDC typ.
Over Load Protection (OLP)
% of rated IOUT
150% typ., hiccup mode
Over Temperature Protection (OTP)
internal temperature sensor
115°C typ.
Isolation Voltage (5)
I/P to O/P
1 minute
3kVAC
Isolation Resistance
VISO= 500VDC
1GΩ min.
Isolation Capacitance
1000pF max.
Insulation Grade
reinforced
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: An input fuse is required if the mains supply is not over-current protected. Recommended fuse: 3.15A slow blow type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com