Electronic Components Datasheet Search
  English  ▼

X  

MPC9315 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9315
Description  2.5V and 3.3V CMOS PLL Clock Generator and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9315 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9315 Datasheet HTML 1Page - Motorola, Inc MPC9315 Datasheet HTML 2Page - Motorola, Inc MPC9315 Datasheet HTML 3Page - Motorola, Inc MPC9315 Datasheet HTML 4Page - Motorola, Inc MPC9315 Datasheet HTML 5Page - Motorola, Inc MPC9315 Datasheet HTML 6Page - Motorola, Inc MPC9315 Datasheet HTML 7Page - Motorola, Inc MPC9315 Datasheet HTML 8Page - Motorola, Inc MPC9315 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC9315
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9315 Logic Diagram
GND
QA1
QA0
VCC
FSELC
FSELB
FSELA
VCC
QC0
QC1
GND
VCC
PSELA
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
345678
24
23
22
21
20
19
18
17
16
MPC9315
OE
Figure 2. Pinout: 32–Lead Package Pinout (Top View)
GND
Bank A
PLL
(pulldown)
FB_SEL
QA0
QA1
REF_SEL
CLK0
0
1
CLK1
Ref
FB
75 - 160 MHz
CLK
CLK
÷ 2
CLK
÷ 4
QC1
QB0
0
1
0
1
Bank B
Bank C
FSELA
FSELC
VCCA
VCC
6
(pulldown)
(pulldown)
FB0
0
1
FB1
(pulldown)
(pulldown)
(pulldown)
(pulldown)
QB2
QB3
QC0
QB1
FSELB
(pulldown)
(pullup)
(pullup)
OE
GND
6
0
1
PSELA
(pulldown)
0
1
FBSEL
The MPC9315 requires an external RC filter for the analog power supply pin VCCA. Please see application section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com