Electronic Components Datasheet Search
  English  ▼

X  

SMF12C Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMF12C
Description  5-Line Transient Voltage Suppressor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF12C Datasheet(HTML) 2 Page - ON Semiconductor

  SMF12C Datasheet HTML 1Page - ON Semiconductor SMF12C Datasheet HTML 2Page - ON Semiconductor SMF12C Datasheet HTML 3Page - ON Semiconductor SMF12C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMF05C, SMF12C, SMF15C, SMF24C
http://onsemi.com
2
SMF05C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT = 1 mA, (Note 3)
6.2
7.2
V
Reverse Leakage Current
IR
VRWM = 5 V
0.07
5.0
mA
Clamping Voltage
VC
IPP = 5 A (8 x 20 ms Waveform)
9.8
V
Clamping Voltage
VC
IPP = 8 A (8 x 20 ms Waveform)
12.5
V
Maximum Peak Pulse Current
IPP
8 x 20
ms Waveform
8.0
A
Capacitance
CJ
VR = 0 V, f = 1 MHz (Line to GND)
80
130
pF
SMF12C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
12
V
Breakdown Voltage
VBR
IT = 1 mA, (Note 3)
13.3
15
V
Reverse Leakage Current
IR
VRWM = 12 V
0.01
1.0
mA
Clamping Voltage
VC
IPP = 3 A (8 x 20 ms Waveform)
21
V
Clamping Voltage
VC
IPP = 6 A (8 x 20 ms Waveform)
23
V
Maximum Peak Pulse Current
IPP
8 x 20
ms Waveform
6.0
A
Capacitance
CJ
VR = 0 V, f = 1 MHz (Line to GND)
40
60
pF
SMF15C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
15
V
Breakdown Voltage
VBR
IT = 1 mA, (Note 3)
17
19
V
Reverse Leakage Current
IR
VRWM = 15 V
0.01
1.0
mA
Clamping Voltage
VC
IPP = 1 A (8 x 20 ms Waveform)
23
V
Clamping Voltage
VC
IPP = 5 A (8 x 20 ms Waveform)
29
V
Maximum Peak Pulse Current
IPP
8 x 20
ms Waveform
5.0
A
Capacitance
CJ
VR = 0 V, f = 1 MHz (Line to GND)
33
45
pF
SMF24C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
24
V
Breakdown Voltage
VBR
IT = 1 mA, (Note 3)
26.7
32
V
Reverse Leakage Current
IR
VRWM = 24 V
0.01
1.0
mA
Clamping Voltage
VC
IPP = 1 A (8 x 20 ms Waveform)
40
V
Clamping Voltage
VC
IPP = 2.5 A (8 x 20 ms Waveform)
44
V
Maximum Peak Pulse Current
IPP
8 x 20
ms Waveform
2.5
A
Capacitance
CJ
VR = 0 V, f = 1 MHz (Line to GND)
21
25
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com