Electronic Components Datasheet Search
  English  ▼

X  

QL2007-XPL84C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL2007-XPL84C
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007-XPL84C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL2007-XPL84C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2007-XPL84C Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
QL2007
3-30
PIN DESCRIPTIONS
Pin
Function
Description
TDI
Test Data In for JTAG
Hold HIGH during normal operation. Connect to
VCC if not used for JTAG.
TRSTB
Active low Reset for JTAG
Hold LOW during normal operation. Connect to
ground if not used for JTAG.
TMS
Test Mode Select for JTAG
Hold HIGH during normal operation. Connect to
VCC if not used for JTAG.
TCK
Test Clock for JTAG
Hold HIGH or LOW during normal operation.
Connect to VCC or ground if not used for JTAG.
TDO
Test data out for JTAG
Output that must be left unconnected if not used for JTAG.
STM
Special Test Mode
Must be grounded during normal operation.
I/ACLK
High-drive input and/or array
network driver
Can be configured as either or both.
I/GCLK
High-drive input and/or global
network driver
Can be configured as either or both.
I
High-drive input
Use for input signals with high fanout.
I/O
Input/Output pin
Can be configured as an input and/or output.
VCC
Power supply pin
Connect to 3.3V supply.
GND
Ground pin
Connect to ground.
ORDERING
INFORMATION
QL 2007 - 1 PQ208 C
QuickLogic
pASIC device
pASIC 2 device
part number
Speed Grade
X = quick
0 = fast
1 = faster
2 = fastest
Operating Range
C = Commercial
I = Industrial
Package Code
PL84 = 84-pin PLCC
PF144 = 144-pin TQFP
PQ208 = 208-pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com