Electronic Components Datasheet Search
  English  ▼

X  

CM7335 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM7335
Description  T-1 3/4 Midget Flange Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM7335 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM7335 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 3/4 Midget Flange Base
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
40,000
1,000
25,000
60,000
5,000
25,000
.150
.450
.050
.030
.150
.050
.115
.190
.060
.060
.060
.120
5.00
5.00
5.00
5.00
5.00
4.50
C M7335
C M7334
C M7332
CM7331
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
CM331
C M268
C M343
C M368
CM338
C M8848
3.00
3.00
2.70
2.50
2.50
2.50
1.35
.350
.015
.060
.200
.400
.350
.060
.300
.004
.040
.220
.550
.200
.010
10,000
10,000
6,000
500
30
10,000
500
C-2R
C-6
C-2R
C-2R
C-2R
C-2R
C-6
C-2V
C-2R
10,000
1,000
.030
.600*
.040
.200
6.00
6.00
C M345
CM328
CC-2F
C-2F
C-2F
C-2F
C-2F
C-2F
4,000
7,000
10,000
25,000
4,000
2,000
.150
.300
.150
.340
.340
.300
.024
.040
.040
.060
.040
.040
28.0
28.0
28.0
28.0
28.0
22.0
C M6034
C M387
C M385
C M376
C M327
CM459
C M367
C M394
CM330
C M382
C M8918
18.0
14.0
14.0
14.0
12.0
11.0
10.0
.040
.100
.080
.080
.040
.022
.040
.150
.500
.300
.500
.120
.030
.080
10,000
10,000
15,000
1,500
10,000
10,000
5,000
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
4,000
5,000
.300
.650
.040
.065
32.0
28.0
C M269
CM7341
CC-2F
5,000
.200
.025
48.0
C-2F
1,000
.500
.050
24.0
C M375
C M3150
C M7333
CM344
CM7338
C M370
C M8176
C M6848
*Lamp MS C P is .340 @ 5.0V
MAX .
.230
MAX .
.250
MAX .
625
C-2F
C-2R
C-2R
C-2R
C-2V
C-2F
C-2F
50,000
5,000
3,000
1,000
20,000
20,000
50,000
.100
.550
.450
.230
.020
.400
.002
.200
.200
.150
.075
.040
.200
.014
6.00
6.30
6.30
6.30
6.30
6.30
10.0
C M381
C M380
CM377
C M350
C M349
CM7336
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM7335

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM7335 VCC-CM7335 Datasheet
35Kb / 1P
Midget Flange Base
More results

Similar Description - CM7335

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1510125UR3 CML-1510125UR3 Datasheet
47Kb / 1P
T 13/4 Midget Flange Based LED
CM698 CML-CM698 Datasheet
218Kb / 1P
T-1 3/4 Midget Groove Base
CM7234 CML-CM7234 Datasheet
221Kb / 1P
T-1 Sub-Midget Flange Base
CM7302 CML-CM7302 Datasheet
224Kb / 1P
T-1 1/4 Special Midget Flange Base
logo
Dialight Corporation
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
Single Chip BASED LED T 1 3/4 MIDGET FLANGE
logo
List of Unclassifed Man...
337 ETC2-337 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Visual Communications C...
CM331 VCC-CM331 Datasheet
35Kb / 1P
Midget Flange Base
CM7234 VCC-CM7234 Datasheet
54Kb / 1P
Sub-Midget Flange Base
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
Midget Flange Base, Bi-Pin Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com