Electronic Components Datasheet Search
  English  ▼

X  

QL2007-2PL84C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QL2007-2PL84C
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007-2PL84C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QL2007-2PL84C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2007-2PL84C Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
QL2007
3-32
3.3 Volt OPERATING RANGE
Symbol
Parameter
Industrial
Commercial
Unit
Min
Max
Min
Max
VCC
Supply Voltage
3.0
3.6
3.0
3.6
V
TA
Ambient Temperature
-40
85
0
70
°C
-0 Speed Grade
0.56
2.74
0.61
2.65
K
Delay Factor
-1 Speed Grade
0.56
2.21
0.61
2.14
-2 Speed Grade
0.56
1.85
0.61
1.79
DC CHARACTERISTICS over 3.3V operating range
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
IOH = -2.4 mA
2.4
V
IOH = -10
µA
VCC-0.1
V
VOL
Output LOW Voltage
IOL = 4 mA
0.4
V
IOL = 10
µA
0.1
V
IIH
Input High Current Sink
(for tolerance to 5V devices)
5.5V > VI > VCC
12
mA
II
Input Leakage Current
VI = VCC or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCC or GND
-10
10
µA
CI
Input Capacitance [5]
10
pF
IOS
Output Short Circuit Current [6]
VO = GND
-10
-70
mA
VO = VCC
25
130
mA
ICC
D.C. Supply Current [7]
VI, VIO = VCC or GND
0.5 (typ)
3
mA
Notes:
[5]
Capacitance is sample tested only.
[6]
Only one output at a time. Duration should not exceed 30 seconds.
[7]
For commercial grade devices only. Maximum ICC is 5 mA for all industrial grade devices. For AC
conditions, contact QuickLogic customer engineering.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com