Electronic Components Datasheet Search
  English  ▼

X  

CM86 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM86
Description  T-1 3/4 Wedge Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM86 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM86 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 3/4 Wedge Base
T-1 3/4 Midget Screw Base
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
5,000
500
15,000
100
1,500
5,000
.650
.700
.300
1.50
.500
.130
.065
.100
.080
.150
.090
.040
28.0
14.0
14.0
14.0
14.0
14.0
CM17
CM74
CM73
CM70
CM37
CM18
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
CM11
C M111
CM56
CM79
CM16
CM84
C M86
6.3
6.3
6.3
6.0
5.0
2.7
2.5
.200
.040
.150
.200
.115
.100
.200
.400
.030
.340
.600
.150
.230
.200
20,000
20,000
5,000
1,000
20,000
5
1,000
C-2F
C-2R
C-2F
C-2R
C-2R
S-2
C-2R
C-2F
7,000
.300
.040
28.0
CM85
C-2F
C-2F
C-2F
C-2F
C-2F
C-2F
7,000
4,000
25,000
4,000
10,000
15,000
.300
.340
.340
.340
.150
.300
.040
.040
.060
.040
.040
.080
28.0
28.0
28.0
28.0
18.0
14.0
CM399
CM369
CM335L S V
CM335
C M8536
CM8362
C M7323
C M378
CM1775
C M389
C M373
C M383
C M8162
14.0
14.0
14.0
10.0
6.30
6.30
6.00
.100
.080
.080
.040
.075
.200
.200
.500
.500
.500
.080
.230
.400
.550
10,000
750
1,500
5,000
1,000
20,000
5,000
C-2F
C-2F
C-2F
C-2F
C-2R
C-2F
C-2R
C-2F
C-2F
10,000
15,000
.150
.650
.040
.065
28.0
28.0
C M8384
CM8369
MAX .
.230
MAX .
.600
.200 MAX .
MAX .
.200
C-6
C-2R
C-2R
C-2R
C-2R
C-2V
C-2R
500
500
500
6,000
5,000
10,000
1,000
.010
.200
.200
.040
.150
.030
.600
.060
.200
.200
.060
.060
.040
.200
1.35
2.50
2.50
2.70
5.00
6.00
6.00
C M1768
CM342
C M3153
C M8693
C M1769
C M1767
CM8669
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
MAX .
Ø.230
MAX .
.625
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM86

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM86 VCC-CM86 Datasheet
28Kb / 1P
Wedge,Midget Screw Base
logo
Chicago Miniature Lamp,...
CM8601 CML-CM8601 Datasheet
225Kb / 1P
T-1 Wire Terminal (standard)
logo
Visual Communications C...
CM8601 VCC-CM8601 Datasheet
31Kb / 1P
Wire Terminal (standard)
logo
Chicago Miniature Lamp,...
CM8602 CML-CM8602 Datasheet
226Kb / 1P
T-1 Wire Terminal (standard)
logo
Visual Communications C...
CM8602 VCC-CM8602 Datasheet
33Kb / 1P
Sub-Midget Flange Base, Wire Terminal
More results

Similar Description - CM86

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1826 CML-CM1826 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
1260XLF CML-1260XLF Datasheet
70Kb / 1P
T-31/4(10mm) Wedge base lamp
CM49 CML-CM49 Datasheet
218Kb / 1P
T-3 1/4 Miniature Bayonet Base
CM331 CML-CM331 Datasheet
222Kb / 1P
T-1 3/4 Midget Flange Base
CM698 CML-CM698 Datasheet
218Kb / 1P
T-1 3/4 Midget Groove Base
CM914 CML-CM914 Datasheet
223Kb / 1P
T-5 Wedge Base
CM6502 CML-CM6502 Datasheet
222Kb / 1P
T-1 1/2 Wedge Base
logo
Dialight Corporation
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
Multi-Chip BASED LED T 1 3/4 Wedge
logo
CML Microcircuits
1112LF CMLMICRO-1112LF Datasheet
32Kb / 1P
T-3 1/4(10mm) 12V 0.1A Lead-free Wedge base lamp
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
T-3 1/4 24V WEDGE BASE LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com