Electronic Components Datasheet Search
  English  ▼

X  

AM6012D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AM6012D
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AM6012D Datasheet HTML 3Page - NXP Semiconductors AM6012D Datasheet HTML 4Page - NXP Semiconductors AM6012D Datasheet HTML 5Page - NXP Semiconductors AM6012D Datasheet HTML 6Page - NXP Semiconductors AM6012D Datasheet HTML 7Page - NXP Semiconductors AM6012D Datasheet HTML 8Page - NXP Semiconductors AM6012D Datasheet HTML 9Page - NXP Semiconductors AM6012D Datasheet HTML 10Page - NXP Semiconductors AM6012D Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
782
FREQUENCY MHz
Figure 2.
REFERENCE CONFIGURATION
R14
R15
RIN
CC
IREF
Positive reference
VR+
0V
N/C
0.01
µF
VR+/R14
Negative reference
0V
VR–
N/C
0.01
µF
–VR–/R14
Lo impedance bipolar reference
VR+
0V
VIN1
(VR+/R14) + (VIN/RIN)2
Hi impedance bipolar reference
VR+
VIN
N/C1
(VR+ – RIN) / R143
Pulsed reference4
VR+
0V
VIN
(VR+/R14) + (VIN/RIN)
No Cap
NOTES:
1.
The compensation capacitor is a function of the impedance seen at the +VREF input and must be at least 5pF x R14(eq) in kΩ. For R14 < 800Ω no capacitor is necessary.
2.
For negative values of VIN, VR+ / R14 must be greater than –VIN max / RIN so that the amplifier is not turned off.
3.
For positive values of VIN, VR+ must be greater than –VIN max so the amplifier is not turned off.
4.
For pulsed operation, VR+ provides a DC offset and may be set to zero in some cases. The impedance at Pin 14 should be 800Ω or less.
5.
For optimum settling time, decouple V– with 20
Ω and bypass with 22µF tantalum capacitor.
6.
Reference current and reference resistor — there is a 1-to-4 scale factor between the reference current (IREF) and the full-scale output current (IFS).
If VREF = +10V and IFS = 4mA, the value of the R14 is:
R
14 +
4
x 10V
4
mA
+ 10kW
R
14 +
R
15
a. Reference Amplifier Biasing
b.
Reference Amplifier
Frequency Response
Minimum Size
Compensation Capacitor
(IFS = 4mA, IREF = 1.0mA)
R14(EQ) (kΩ)
CC (pF)
10
5
2
1
.5
50
25
10
5
0
NOTE:
A 0.01
µF capacitor is recommended for fixed
reference operation.
14
15
REFERENCE
AMPLIFIER
AM6012
18
19
FOR ALL INPUT CODES
COMP
0.1
20
(NOTE 5)
IO + IO = IFS
IO
IO
V–
V+
V–
I15
IREF
VIN
RIN
R14
R15
VR+
VR–
22
µF TANTALUM
R15 = R14 = RIN
VIN
CC
0.1
6
4
2
0
–2
–4
–6
–8
.01
0.1
1.0
10
LARGE SIGNAL = 50%
MODULATION OF 4mA
FULL SCALE CURRENT
SMALL SIGNAL = 1%
MODULATION OF 2mA
FULL SCALE CURRENT
R14 (EQ) = 2kΩ
CC = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com