Electronic Components Datasheet Search
  English  ▼

X  

CM20 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM20
Description  G-4 1/2 Miniature Bayonet Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM20 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM20 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-4 1/2 Miniature Bayonet Base
G-4 1/2 Miniature Screw Base
G-4 1/2 Miniature 2 Pin Base
C-2V
C-2F
C-2V
C-2F
C-2F
C-2V
250
1,500
250
5,000
500
500
3.5
2.0
2.7
2.0
2.0
2.0
.25
.27
.25
.33
.24
.24
18.0
14.0
14.0
14.0
14.0
14.0
CM433
C M1895
C M431
C M293
C M57X
CM57
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M427
CM503
C M607
C M1406
C M604
CM55
C M1896
7.0
7.0
6.15
6.0
6.0
5.1
5.0
.50
.41
.50
.04
.50
.15
.50
2.2
2.0
3.2
.10
3.6
.60
2.3
1,500
500
15
250
3
100
15
C-2R
C-2R
C-2R
C-6
C-2R
C-2R
C-2R
C-2F
5,000
2.0
.17
28.0
CM456
C-6
C-2R
500
500
2.0
2.0
.40
.23
7.0
14.0
CM20
CM15
Type
Filament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
C-2V
C-2R
C-2V
C-2R
C-2R
250
250
250
15
15
3.5
2.7
2.4
3.4
2.0
.25
.25
.25
.50
.30
18.0
14.0
12.50
6.15
6.15
C M432
C M430
C M428
CM605
CM31
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
CM136
CM116
CM27
CM425
CM502
C M1482
C M1483
6.00
6.00
5.10
5.00
4.90
2.65
1.25
.04
.45
.15
.50
.30
.41
.60
.10
2.2
.60
2.3
1.4
.80
.20
500
100
100
15
30
15
75
C-6
C-2R
C-2R
C-2
C-2R
C-2R
S-2
MAX .
.590
1.06 MAX .
NOM .
.200
MAX .
.590
MAX .
1.06
1.06 MAX .
MAX .
.590
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM20

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM20 BOURNS-CM20 Datasheet
419Kb / 7P
SMT Chip Inductors
CM20 BOURNS-CM20 Datasheet
449Kb / 9P
SMT Chip Inductors
logo
Visual Communications C...
CM20 VCC-CM20 Datasheet
27Kb / 1P
Base
logo
Yealink Inc.
CM20 YEALINK-CM20 Datasheet
915Kb / 4P
Ceiling Microphone
logo
Advanced Semiconductor
CM20-12A ASI-CM20-12A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - CM20

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1826 CML-CM1826 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
CM49 CML-CM49 Datasheet
218Kb / 1P
T-3 1/4 Miniature Bayonet Base
CM123 CML-CM123 Datasheet
227Kb / 1P
G-3 1/2 Miniature 2 Pin Base
CM2059 CML-CM2059 Datasheet
242Kb / 1P
T-2 3/4 Miniature Bayonet Base Halogen Lamp
logo
Dialight Corporation
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
logo
Chicago Miniature Lamp,...
CM1317 CML-CM1317 Datasheet
142Kb / 1P
B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base
logo
Visual Communications C...
CM24D VCC-CM24D Datasheet
27Kb / 1P
Telephone Slide,Miniature Bayonet Base
CM49 VCC-CM49 Datasheet
52Kb / 1P
Miniature Bayonet Base
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
Bayonet Base, Screw Base
logo
List of Unclassifed Man...
WL-18606132 ETC2-WL-18606132 Datasheet
505Kb / 1P
T3 MINIATURE BAYONET BASE LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com