Electronic Components Datasheet Search
  English  ▼

X  

TL393 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL393
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL393 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL393 Datasheet HTML 2Page - Texas Instruments TL393 Datasheet HTML 3Page - Texas Instruments TL393 Datasheet HTML 4Page - Texas Instruments TL393 Datasheet HTML 5Page - Texas Instruments TL393 Datasheet HTML 6Page - Texas Instruments TL393 Datasheet HTML 7Page - Texas Instruments TL393 Datasheet HTML 8Page - Texas Instruments TL393 Datasheet HTML 9Page - Texas Instruments TL393 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TL393, TL393Y
DUAL DIFFERENTIAL COMPARATORS
SLCS120A – AUGUST 1993 – REVISED DECEMBER 1993
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL393Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1.4 V,
1.5
5
mV
VICR
Common-mode input voltage range
0 to
VCC – 1.5
0 to
VCC – 1.2
V
VOL
Low-level output voltage
VID = –1 V,
IOL = 1 mA
70
300
mV
IIO
Input offset current
VO = 1.4 V
5
50
nA
IIB
Input bias current
VO = 1.4 V
–40
– 250
nA
IOH
High-level output current
VID = 1 V,
VOH = 3 V
0.1
nA
IOL
low-level output current
VID = –1 V,
VOL = 1.5 V
6
mA
ICCH
High-level supply current
VO = VOH
140
200
µA
ICCL
Low-level supply current
VO = VOL
0.8
1
mA
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
TL393Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
100-mV input step with 5-mV overdrive,
RL connected to 5 V through 5.1 kΩ
0.65
µs
Response time
TTL-level input step,
RL connected to 5 V through 5.1 kΩ
0.2
µs
TYPICAL CHARACTERISTICS
Figure 1
0
0.5
1
1.5
2
2.5
LOW- TO HIGH-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPLH – Low- to High-Level Output
Response Time –
µs
VCC = 5 V
TA = 25°C
5
0
100
0
40 mV
20 mV
10 mV
5 mV
2 mV
Figure 2
40 mV
20 mV
10 mV
5 mV
2 mV
HIGH- TO LOW-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPHL – High- to Low-Level Output
Response Time –
µs
5
0
100
0
0
0.2
0.4
0.6
0.8
VCC = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com