Electronic Components Datasheet Search
  English  ▼

X  

CM1977 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM1977
Description  T-3 Double Slide Base Halogen Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM1977 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM1977 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-3 Double Slide Base Halogen Lamps
CONFIGUR A T ION
T-3 Single Contact Bayonet Base Halogen Lamps
CONFIGUR A T ION
Part No.
Volts
Watts
Filament
Shape
Nominal MSCP Laboratory
Life Hours
CM1968
28.0
25
C-2V
15
500
CM1975
12.8
25
C-6
25
500
CM1976
13.0
75
C-6
115
400
CM1977
8.5
62
C-6
110
50
Configuration
A
A
B
A
Comments
Quartz Glass
Quartz Glass
Quartz Glass
Quartz Glass
Part No.
Volts
Watts
Filament
Shape
Nominal MSCP Laboratory
Life Hours
CM1982
28.0
75
CC-8I
110
1000
CM1982SP
28.0
75
CC-6
107
2000
Configuration
A
B
Comments
Quartz Glass
Quartz Glass
Caution:
These halogen cycle lamps may shatter if scratched or damaged. Use these lamps in fixtures designed for their high operating temperature. Always turn power off when changing
these lamps. For satisfactory performance limit the seal and wire lead temperature to 350°C to avoid deterioration. Maintain a minimum lamp wall temperature of 250°Ctoassure
the halogen cycle occurs. Remove all grease and fingerprints from these lamps before operation. Never exceed the design voltage of these lamps.
All dimensions in inches.
A
B
All dimensions in inches.
A
B
MAX .
..438
MAX .
.603
LC L
1.00
MAX .
1.969
MAX .
.440
MAX .
1.17
MAX .
.440
MAX .
1.30
MAX .
..500
MAX .
.603
LC L
1.06
MAX .
1.87
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM1977

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1977 VCC-CM1977 Datasheet
84Kb / 1P
Lamps
More results

Similar Description - CM1977

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L1041 GILWAY-L1041 Datasheet
79Kb / 1P
Lens-End Halogen Lamps
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
Chicago Miniature Lamp,...
CM18ESB CML-CM18ESB Datasheet
222Kb / 1P
T-2 Telephone Slide Base - Type 5 (short)
CM24D CML-CM24D Datasheet
220Kb / 1P
T-2 Telephone Slide Base - Type 3
CM1974 CML-CM1974 Datasheet
228Kb / 1P
T-3 Special Service Halogen Lamp
CM2059 CML-CM2059 Datasheet
242Kb / 1P
T-2 3/4 Miniature Bayonet Base Halogen Lamp
logo
GREATECS
SB89 GREATECS-SB89 Datasheet
114Kb / 2P
14 mm Halogen-Free Slide Switches
logo
Visual Communications C...
CM18ESB VCC-CM18ESB Datasheet
36Kb / 1P
Telephone Slide Base
logo
XFMRS Inc.
XF1406D17 XFMRS-XF1406D17 Datasheet
51Kb / 1P
10 BASE T MAGNETIC DOUBLE
logo
OSRAM GmbH
64193NBL-HCB60 OSRAM-64193NBL-HCB60 Datasheet
106Kb / 3P
Halogen headlight lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com