Electronic Components Datasheet Search
  English  ▼

X  

EPI471102AC4 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI471102AC4
Description  Thru-Hole Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI471102AC4 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI471102AC4 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM267X,LM259X & LM257X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• 52 KHz, 150 KHz & 260 KH KHz Switching Frequency
• Also suitable for use in high quality filter applications
• Low Cost Inductor
EPI AC4 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAC4
Rev. 5
2/22/05 FT
42
64
78
121
130
173
196
202
493
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.027
.042
.061
.093
.125
.144
.188
.191
.754
Induct.
(µH 15%)
@ Idc
33
47
68
100
100
150
150
150
470
Part
Number
EPI330552AC4
EPI470552AC4
EPI680302AC4
EPI101302AC4
EPI101342AC4
EPI151202AC4
EPI151272AC4
EPI151302AC4
EPI471102AC4
Core Loss
Idc
(mA)
5500
5500
3000
3000
3400
2000
2700
3000
1000
National
Semiconductor
Chip
LM267X-L49
LM267X-L48
LM257X-L68
LM257X-100
LM257X-L43
LM257X-L150
LM259X-L42
LM257X-H150
LM257X-L470
---
---
---
---
320
---
320
---
---
@ Vt1
(mW)
@ Vt2
(mW)
445
380
---
---
---
---
---
---
---
Package AC4
1.350
Max.
(34.29)
.110/.150
(2.79/3.81)
.950
Max.
(24.13)
.450
(11.43)
.610
Max.
(15.49)
.450
(11.43)
Pad Layout
.060 Ø
(1.52)
.475
(12.07)
Vt1
(V-µsec)
150 KHz
---
---
---
---
81.4
---
90.7
---
---
Vt2
(V-µsec)
260 KHz
36.6
42.4
---
---
---
---
---
---
---
@ Vt
°C (Typ.)
34 @ Vt2
42 @ Vt2
24 @ Vt3
28 @ Vt3
44 @ Vt1
24 @ Vt3
43 @ Vt1
55 @ Vt3
27 @ Vt3
Temp.Rise
@ Vt3
(mW)
---
---
300
180
---
125
---
550
213
Vt3
(V-µsec)
52 KHz
---
---
96.2
96.2
---
96.2
---
207.7
207.7
Applications
Vin
Vout
LX
µH
D1
8V-40V
Cin
Cout
CB
10nF
FB
Vsw
Gnd
On/Off
LM267X
+
+
+Vin
+5V
Regulated
Output
Load
LX
µH
D1
1N5822
Cin
Cout
Feedback
Output
Vsw
On/Off
Gnd
LM257X
+
+
7V-40V
(60V for HV)
Unregulated
DC Input
Package AC4V
.375 ± .125
(9.53 ± 3.18)
.950
Max.
(24.13)
Pad Layout
.400
(10.16)
.060 Ø
(1.52)
.550 Max.
(13.97)
.400
(10.16)
Package AC4H
.375 ± .125
(9.53 ± 3.18)
.950
Max.
(24.13)
Pad Layout
.840
(21.34)
.060 Ø
(1.52)
.950
Max.
(24.13)
.840
(21.34)
For no header version : add “V” for Vertical Mount and add “H” for Horizonal Mount


Similar Part No. - EPI471102AC4

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI471102AVM2 PCA-EPI471102AVM2 Datasheet
61Kb / 1P
Thru-Hole Power Inductor
More results

Similar Description - EPI471102AC4

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI100452AC1 PCA-EPI100452AC1 Datasheet
90Kb / 1P
Thru-Hole Power Inductor
EPI100502AC2 PCA-EPI100502AC2 Datasheet
38Kb / 1P
Thru-Hole Power Inductor
EPI220502AC3 PCA-EPI220502AC3 Datasheet
90Kb / 1P
Thru-Hole Power Inductor
EPI221302AC5 PCA-EPI221302AC5 Datasheet
36Kb / 1P
Thru-Hole Power Inductor
EPI0L8433A106 PCA-EPI0L8433A106 Datasheet
43Kb / 1P
Thru-Hole Power Inductor
EPI151172AH50 PCA-EPI151172AH50 Datasheet
34Kb / 1P
Thru-Hole Power Inductor
EPI151172AV50 PCA-EPI151172AV50 Datasheet
34Kb / 1P
Thru-Hole Power Inductor
EPI500272AVM1 PCA-EPI500272AVM1 Datasheet
62Kb / 1P
Thru-Hole Power Inductor
EPI100113AVM2 PCA-EPI100113AVM2 Datasheet
61Kb / 1P
Thru-Hole Power Inductor
EPI100133AVM3 PCA-EPI100133AVM3 Datasheet
61Kb / 1P
Thru-Hole Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com