Electronic Components Datasheet Search
  English  ▼

X  

CM286 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM286
Description  T-1 1/2 Wedge Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM286 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM286 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 1/2 Wedge Base
T-1 3/4 Wire Terminal
C-2F
C-2F
C-2V
C-2R
C-2V
C-2V
5,000
5,000
200
5,000
1,000
1,000
.100
.240
.570
..240
.080
.040
.030
.040
.090
.080
.030
.035
24.0
24.0
13.5
12.0
12.0
7.0
C M3110
C M1111
C M286
CM1108
CM1107
CM6515
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M6502
CM1103
CM1104
C M3105
C M6516
C M6521
CM6522
6.0
6.0
6.0
6.0
6.0
6.0
4.0
.030
.167
.178
.167
.080
.030
.250
.040
.480
.720
.300
.070
.024
.200
1,000
1,000
1,000
5,000
5,000
1,000
1,000
C-2V
C-2R
C-2R
C-2R
C-2V
C-2R
C-2V
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
1,000
2,000
30,000
30,000
25,000
5,000
.450
.018
.600
.600
.050
.150
.190
.017
.220
.220
.060
.060
5.00
5.00
5.00
5.00
5.00
5.00
C M8784
C M3950
C M3628
C M3627
C M3626
CM3151
C M2129
C M2156
C M2158
C M8847
C M2171
C M2200
C M2203
5.00
5.00
4.50
3.00
3.00
3.00
3.00
.115
.060
.120
.350
.015
.030
.300
.150
.050
.040
.300
.004
.020
.340
40,000
25,000
25,000
10,000
10,000
1,800
1,500
C-2R
C-2R
C-2F
C-2R
C-6
C-6
C-2R
C-2V
C-2R
10,000
60,000
.030
.030
.040
.060
6.00
5.00
C M1730
CM8805
B ead S eal
Butt S eal
C-2R
1,000
.600
.200
6.00
CM1784
C-2F
C-2V
50,000
40,000
.100
.010
.200
.036
6.00
6.00
CM8664
CM2191
MIN.
1.00
MAX .
.520
MAX .
.230
S-2
C-6
C-2R
C-2R
C-2R
C-2R
C-2R
30
500
5,000
500
10,000
5,000
6,000
.020
.010
.001
.220
.200
.280
.040
.050
.060
.060
.200
.350
.400
.060
1.30
1.35
2.00
2.50
2.50
2.50
2.70
C M1738
CM2264
C M2169
C M1783
CM2119
C M1728
C M2184
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
MAX .
.197
MAX .
.571
.217 MAX .
MAX .
.181
NOM.
.760
MAX .
.520
MAX .
.230
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM286

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM286 VCC-CM286 Datasheet
44Kb / 1P
Wedge Base
logo
List of Unclassifed Man...
CM2860 ETC1-CM2860 Datasheet
215Kb / 10P
600mA CMOS LDO
logo
Champion Microelectroni...
CM2860 CHAMP-CM2860 Datasheet
287Kb / 10P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2860GKIM223 ETC1-CM2860GKIM223 Datasheet
215Kb / 10P
600mA CMOS LDO
logo
Champion Microelectroni...
CM2860GKIM223 CHAMP-CM2860GKIM223 Datasheet
287Kb / 10P
600mA CMOS LDO
More results

Similar Description - CM286

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM11 CML-CM11 Datasheet
223Kb / 1P
T-1 3/4 Wedge Base
CM914 CML-CM914 Datasheet
223Kb / 1P
T-5 Wedge Base
logo
CML Microcircuits
1112LF CMLMICRO-1112LF Datasheet
32Kb / 1P
T-3 1/4(10mm) 12V 0.1A Lead-free Wedge base lamp
1199LF CMLMICRO-1199LF Datasheet
30Kb / 1P
T-1 1/2 (5mm) Lead-free Wedge base lamp 28V 40mA
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
T-3 1/4 24V WEDGE BASE LED
logo
Visual Communications C...
CM559 VCC-CM559 Datasheet
32Kb / 1P
Wedge Base
logo
VITALCONN ELECTRONICS H...
R21UG10W3DL02 VITALCONN-R21UG10W3DL02 Datasheet
891Kb / 6P
RJ45 2*1 10/100/1000 BASE-T
R21UG17R6DL02 VITALCONN-R21UG17R6DL02 Datasheet
820Kb / 5P
RJ45 2*1 10/100/1000 BASE-T
R21UG1113DL02 VITALCONN-R21UG1113DL02 Datasheet
824Kb / 5P
RJ45 2*1 10/100/1000 BASE-T
R11JF13H6D104 VITALCONN-R11JF13H6D104 Datasheet
1Mb / 6P
RJ45 1*1 5G BASE-T
REV: A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com