Electronic Components Datasheet Search
  English  ▼

X  

TLC5924DAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5924DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5924DAP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5924DAP Datasheet HTML 1Page - Texas Instruments TLC5924DAP Datasheet HTML 2Page - Texas Instruments TLC5924DAP Datasheet HTML 3Page - Texas Instruments TLC5924DAP Datasheet HTML 4Page - Texas Instruments TLC5924DAP Datasheet HTML 5Page - Texas Instruments TLC5924DAP Datasheet HTML 6Page - Texas Instruments TLC5924DAP Datasheet HTML 7Page - Texas Instruments TLC5924DAP Datasheet HTML 8Page - Texas Instruments TLC5924DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS—DC Characteristics
TLC5924
SLVS626 – JUNE 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
Package
Part Number(1)
32-pin, HTSSOP, PowerPAD™
TLC5924DAP
–40
°C to 85°C
32-pin, 5 mm x 5 mm QFN
TLC5924RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
TLC5924
UNIT
VCC
Supply voltage(2)
–0.3 to 6
V
VUP
Pre-charge voltage
–0.3 to 16
V
IO
Output current (dc)
I(OUT0) to I(OUT15)
90
mA
VI
Input voltage range(2)
V(BLANK), V(XLAT), V(SCLK), V(SIN), V(MODE), V(IREF)
–0.3 to VCC + 0.3
V
V(SOUT), V(XERR)
–0.3 to VCC + 0.3
V
VO
Output voltage range(2)
V(OUT0) to V(OUT15)
-0.3 to VUP
V
HBM (JEDEC JESD22-A114, Human Body Model)
2
kV
ESD rating
CDM (JEDEC JESD22-C101, Charged Device Model)
500
V
Tstg
Storage temperature range
–40 to 150
°C
HTSSOP (DAP)
42.54
mW/
°C
Power dissipation rating at (or
above) TA = 25°C(3)
QFN (RHB)
27.86
mW/
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
See SLMA002 for more information about PowerPAD™
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VUP
Pre-charge voltage
3
15
V
VO
Voltage applied to output, (Out0 - Out15)
VUP
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
IOLC
Constant output current
OUT0 to OUT15
80
mA
TA
Operating free-air temperature range
-40
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com