Electronic Components Datasheet Search
  English  ▼

X  

SP6687 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation SP6687 Datasheet HTML 10Page - Sipex Corporation SP6687 Datasheet HTML 11Page - Sipex Corporation SP6687 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
g
n
i
m
m
i
D
)
z
H
(
y
c
n
e
u
q
e
r
F
X
L
R
T
C
m
u
m
i
x
a
M
y
t
u
D
D
E
L
I
y
t
u
D
m
u
m
i
n
i
M
K
10
9
.
00
1
.
0
0
0
91
9
.
09
0
.
0
0
0
82
9
.
08
0
.
0
0
0
73
9
.
07
0
.
0
0
0
64
9
.
06
0
.
0
0
0
55
9
.
05
0
.
0
0
0
46
9
.
04
0
.
0
0
0
37
9
.
03
0
.
0
0
0
28
9
.
02
0
.
0
SP6687
®
CTRL2
CTRL1
CTRL0
EN
PWM
LED ON
LED
OFF
VIN
Due to the 100µs delay time between mode transfers,
the duty cycle of the dimming frequency should not
exceed the maximum duty cycle on the CTRLx pins.
For best performance it is recommended to keep the
dimming frequency between 200Hz and 1kHz. When
the duty cycle is exceeded, the SP6687 cannot trans-
fer modes properly. The following equation shows the
relation between maximum duty of the CTRLx pins
and the PWM dimming frequency:
Using an analog input voltage VADJ via a resistor RADJ
that connects to the ISET pin is another method for
dimming control of LEDs. Figure 7 shows the applica-
tion circuit. For this application the LED current can be
derived from the following equation:
APPLICATION INFORMATION
Figure 6. Typical application circuit for PWM dimming
when driving 2 LEDs.
Table 4. Dimming frequency relative to Min/Max duty.
SP6687
®
CTRL2
CTRL1
CTRL0
EN
VIN
ISET
VADJ
RADJ
RSET
Figure 7. Typical application circuit for PWM dimming
using a DC voltage into ISET.
VADJ
2.5V
1.6V
0.8V
0V
0mA
6.5mA
13mA
20mA
ILED
Figure 8. SP6687 dimming control application using a
DC voltage into ISET.
Dimming using a DC voltage added to I
SET
Figure 8 shows the relation between VADJ and ILED of
a typical application example, with VADJ from 0 to 2.5V,
RSET = 43kΩ and RADJ = 55kΩ.
DMAX =(1-100 x10 -6 x FD)
Where DMAX is the Maximum Duty of CTRLX and FD is
the PWM Dimming Frequency.
ILED = 440 X
[1.1 x (1/R
SET + 1/RADJ) - VADJ/RADJ
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com