Electronic Components Datasheet Search
  English  ▼

X  

PR29MF11NSZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PR29MF11NSZ
Description  8-Pin DIP Type SSR for Low Power Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR29MF11NSZ Datasheet(HTML) 1 Page - Sharp Corporation

  PR29MF11NSZ Datasheet HTML 1Page - Sharp Corporation PR29MF11NSZ Datasheet HTML 2Page - Sharp Corporation PR29MF11NSZ Datasheet HTML 3Page - Sharp Corporation PR29MF11NSZ Datasheet HTML 4Page - Sharp Corporation PR29MF11NSZ Datasheet HTML 5Page - Sharp Corporation PR29MF11NSZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PR29MF11NSZ Series/
PR39MF11NSZ Series
PR29MF11NSZ Series/PR39MF11NSZ Series
s Model Line-up
s Outline Dimensions
(Unit : mm)
For 200V line
PR39MF11NSZ
PR39MF21NSZ
For 100V line
No built-in zero-
cross circuit
Built-in zero-
cross circuit
PR29MF11NSZ
PR29MF21NSZ
s Absolute Maximum Ratings
*1 The derating factors of absolute maximum ratings due to ambient temperature are
shown in Fig.1, 2
*2 AC for 1 min, 40 to 60%RH, f
=60Hz
Parameter
Symbol
Rating
Unit
Forward current
IF
50
0.9
mA
Reverse voltage
RMS ON-state current
Repetitive
peak
OFF-state
voltage
Peak one cycle surge current
Input
PR29MF11NSZ
PR29MF21NSZ
PR39MF11NSZ
PR39MF21NSZ
Output
VR
6V
A
V
Isurge
9 (50Hz sine wave)
600
400
A
VDRM
Viso (rms)
IT (rms)
kV
Isolation voltage
Operating
temperature
Topr
−40 to +125
−25 to +85
−30 to +85
°C
°C
Storage temperature
Tstg
*2
*1
*1
Soldering temperature
Tsol
260 (For 10s)
4.0
°C
(Ta
=25°C)
PR29MF11NSZ
PR29MF21NSZ
PR39MF11NSZ
PR39MF21NSZ
1. Various types of home appliances
s Features
s Applications
8-Pin DIP Type SSR for Low
Power Control
1. Compact 8-pin dual-in-line package type
2. RMS ON-state current IT(rms):0.9A
3. Built-in zero-cross circuit
(PR29MF21NSZ/PR39MF21NSZ)
4. High repetitive peak OFF-state voltage
PR29MF11NSZ/PR29MF21NSZ VDRM:MIN. 400V
PR39MF11NSZ/PR39MF21NSZ VDRM:MIN. 600V
5. Isolation voltage between input and output
(Viso(rms):4kV)
6. Recognized by UL, file No. E94758
(PR29MF11NSZ/PR39MF11NSZ)
7. Approved by CSA No. LR63705
(PR29MF11NSZ/PR39MF11NSZ)
8. PR29MF21NSZ/PR39MF21NSZ:under preparation
for UL and CSA
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
Terminal
,
and
are common ones of cathode.To radiate the
heat, solder all of the lead pins on the pattern of PWB.
θ
Anode
mark
(Model No.)
R29MF1
R29MF2
R36MF1
R36MF2
❈Zero-cross circuit for (PR29MF21NSZ/PR39MF21NSZ)
θ:0 to 13˚
2.54±
0.25
1.2±
0.3
9.66±
0.5
7.62±
0.3
0.5±
0.1
0.26±
0.1
8
A
A
6
5
1
2
3
4
1
3
4
Cathode
Anode
Cathode
Cathode
G
T1
T2
1
2
3
4
5
6
8
PR29MF21NSZ/
PR39MF21NSZ
PR29MF11NSZ/
PR39MF11NSZ
❈
Zero-cross
circuit
1
8
6
5
2
3
4
1
8
6
5
2
3
4
Internal connection Diagram


Similar Part No. - PR29MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR29MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
PR3BMF11NSZ SHARP-PR3BMF11NSZ Datasheet
63Kb / 3P
8-Pin DIP Type, Large Output current SSR
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
Crydom Inc.,
DPA4111 CRYDOM-DPA4111 Datasheet
558Kb / 4P
16 Pin DIP SSR
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
Compact DIP type SSR Ideal for AC load control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com