Electronic Components Datasheet Search
  English  ▼

X  

PR39MF11NSZ Datasheet(PDF) 3 Page - Sharp Corporation

Part # PR39MF11NSZ
Description  8-Pin DIP Type SSR for Low Power Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF11NSZ Datasheet(HTML) 3 Page - Sharp Corporation

  PR39MF11NSZ Datasheet HTML 1Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 2Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 3Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 4Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 5Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PR29MF11NSZ Series/PR39MF11NSZ Series
0.8
1
0.9
1.2
1.1
1.3
1.4
−30
0
20406080
100
Ambient temperature Ta (˚C)
IT=0.9A
10
1
10
2
10
3
−30
0
20406080
100
Ambient temperature Ta (˚C)
VD=6V
Fig.8 ON-state Voltage vs. Ambient Temperature
(PR29MF11NSZ/PR39MF11NSZ)
Fig.10
Relative Holding Current vs. Ambient Temprature
(PR29MF11NSZ/PR39MF11NSZ)
200
50
20
5
2
1
100
10
0.5
0
1
1.5
2
2.5
3
−25˚C
50˚C
25˚C
0˚C
Forward voltage VF (V)
Ta=75˚C
0
2
4
6
8
12
10
−40
−20
0
20406080
100
Ambient temperature Ta (˚C)
VD=6V
RL=100Ω
PR29MF11NSZ
PR39MF11NSZ
Fig.5
Forward Current vs. Forward Voltage
Fig.6
Minimum Trigger Current vs. Ambient
Temperature
Fig.9 ON-state Voltage vs. Ambient Temperature
(PR29MF21NSZ/PR39MF21NSZ)
Fig.7 Minimum Trigger Current vs. Ambient
Temperature (PR29MF21NSZ/PR39MF21NSZ)
0.6
0.8
0.7
1
0.9
1.1
1.2
−30
0
20406080
100
Ambient temperature Ta (˚C)
IT=0.9A
0
7
6
5
4
3
2
1
Ambient temperature Ta (°C)
VD=6V
RL=100Ω
−30
0
−20 −10
20
40
60
80
100
10
30
50
70
90



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com