Electronic Components Datasheet Search
  English  ▼

X  

PR29MF21NSZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PR29MF21NSZ
Description  8-Pin DIP Type SSR for Low Power Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR29MF21NSZ Datasheet(HTML) 2 Page - Sharp Corporation

  PR29MF21NSZ Datasheet HTML 1Page - Sharp Corporation PR29MF21NSZ Datasheet HTML 2Page - Sharp Corporation PR29MF21NSZ Datasheet HTML 3Page - Sharp Corporation PR29MF21NSZ Datasheet HTML 4Page - Sharp Corporation PR29MF21NSZ Datasheet HTML 5Page - Sharp Corporation PR29MF21NSZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PR29MF11NSZ Series/PR39MF11NSZ Series
Parameter
Conditions
Input
Forward voltage
IF
=20mA
IF
=15mA, R load
ON-state voltage
Output
VD
=6V
Critical rate of rise of OFF-state voltage
VD
=1/√−2 • VDRM
Transfer
charac-
teristics
Minimum trigger current
VD
=6V, RL=100Ω
VD
=6V, RL=100Ω, IF=20mA
MIN.
−
−
−
100
5
×1010
TYP.
1.2
−
−
1011
MAX.
1.4
3.0
25
−−
−
Holding current
Symbol
VF
VT
VOX
IH
dV/dt
IFT
Isolation resistance
RISO
IT
=0.9A
Unit
V
Reverse current
VR=3V
VD=VDRM
IR
Repetitive peak OFF-state current
IDRM
mA
−−
10
µA
−−
100
µA
V/
µs
−
−
10
mA
Ω
V
−−
35
V
(Ta
=25˚C)
Turn-on time
−−
100
50
ton
µs
DC
=500V, 40 to 60%RH
PR29MF11NSZ/PR39MF11NSZ
PR29MF21NSZ/PR39MF21NSZ
PR29MF21NSZ
PR39MF21NSZ
Zero-cross
voltage
s Electrical Characteristics
0
0.2
0.4
0.8
0.6
1
−25−20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
0
10
20
30
40
50
60
70
−25−20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
Fig.1
RMS ON-state Current vs. Ambient
Temperature (PR29MF11NSZ/PR39MF11NSZ)
Fig.3
Forward Current vs. Ambient Temperature
(PR29MF11NSZ/PR39MF11NSZ)
0
0.2
0.4
0.6
0.8
1
−30 −20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
0
10
20
30
40
50
60
70
−30 −20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
Fig.2
RMS ON-state Current vs. Ambient
Temperature (PR29MF21NSZ/PR39MF21NSZ)
Fig.4
Forward Current vs. Ambient Temperature
(PR29MF21NSZ/PR39MF21NSZ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com