Electronic Components Datasheet Search
  English  ▼

X  

ICS91730 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS91730
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91730 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS91730 Datasheet HTML 3Page - Integrated Circuit Systems ICS91730 Datasheet HTML 4Page - Integrated Circuit Systems ICS91730 Datasheet HTML 5Page - Integrated Circuit Systems ICS91730 Datasheet HTML 6Page - Integrated Circuit Systems ICS91730 Datasheet HTML 7Page - Integrated Circuit Systems ICS91730 Datasheet HTML 8Page - Integrated Circuit Systems ICS91730 Datasheet HTML 9Page - Integrated Circuit Systems ICS91730 Datasheet HTML 10Page - Integrated Circuit Systems ICS91730 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ICS91730
0794D—05/23/05
Absolute Maximum Ratings
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.7 V
Voltage on any pin with respect to GND . . . -0.5 to +3.7 V
Storage Temperature . . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 0.5 W
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 85°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Powerdown Current
IDD3.3PD
15
mA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3
ms
Delay
1
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com