Electronic Components Datasheet Search
  English  ▼

X  

CM7230 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM7230
Description  T-1 Wire Terminal (standard)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM7230 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM7230 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 Wire Terminal (standard)
T-1 Sub-Midget Flange Base
C-2F
C-2V
C-2F
C-2F
C-2R
C-2R
10,000
16,000
10,000
10,000
10,000
10,000
.150
.150
.150
.100
.040
.005
.065
.040
.060
.027
.045
.017
14.0
14.0
12.0
10.0
5.0
5.0
C M8111
CM23
C M7219
C M7218
C M8729
CM8602
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M6151
CM6211
C M7214
C M7215
C M7216
C M8175
C M8179
5.0
5.0
5.0
5.0
5.0
5.0
5.0
.125
.125
.125
.115
.115
.080
.060
.250
.250
.250
.190
.220
.150
.150
5,000
5,000
5,000
10,000
5,000
15,000
5,000
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
CC-2F
C-2F
4,000
10,000
.150
.150
.024
.026
28.0
18.0
C M6838
CM7220
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
5,000
40,000
25,000
25,000
60,000
16,000
.150
.150
.090
.050
.030
.001
.060
.115
.075
.060
.060
.008
5.0
5.0
5.0
5.0
5.0
3.0
CM6810
C M718
C M714
C M685
C M682
CM7249
C M7247
C M7248
C M679
CM7229
C M7230
C M7231
C M7232
3.0
3.0
3.0
3.0
3.0
2.5
2.5
.120
.060
.025
.016
.013
.320
.100
.130
.030
.020
.020
.001
.210
.100
16,000
100,000
10,000
5,000
10,000
5,000
10,000
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2V
C-2R
10,000
40,000
.015
.080
.016
.064
5.0
5.0
C M7233
CM7006
MIN.
1.00
MAX .
.250
MAX .
.125
C-6
C-2R
C-2R
C-2R
C-2V
C-2R
C-2R
1,000
25,000
5,000
100,000
10,000
16,000
10,000
.004
.020
.010
.015
.001
.030
.001
.012
.220
.015
.066
.008
.075
.015
1.25
1.35
1.5
1.5
1.5
1.5
2.5
C M7246
C M8102
C M7228
C M7227
C M7226
C M7245
CM7244
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
Ø.159 MAX .
Ø.125 MAX .
.375
MAX
.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM7230

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM7230 VCC-CM7230 Datasheet
33Kb / 1P
Sub-Midget Flange Base, Wire Terminal
More results

Similar Description - CM7230

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-4206 LITEON-LTR-4206 Datasheet
258Kb / 2P
NPN T-1 Standard Phototransistor
logo
Chicago Miniature Lamp,...
CM1739 CML-CM1739 Datasheet
219Kb / 1P
T-1 3/4 Wire Terminal (standard)
CM8798 CML-CM8798 Datasheet
225Kb / 1P
T-1 Wire Terminal (standard)
logo
Lite-On Technology Corp...
LTR-4206E LITEON-LTR-4206E Datasheet
99Kb / 4P
NPN T-1 Standard Phototransistor
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
3mm Round Standard LEDs, T-1
logo
BRIGHT LED ELECTRONICS ...
BL-B2141-L_V1 BRIGHT-BL-B2141-L_V1 Datasheet
295Kb / 5P
T-1 STANDARD 1.0" LEAD 3?
BL-B2141-S BRIGHT-BL-B2141-S Datasheet
241Kb / 5P
T-1 STANDARD 1.0" LEAD 3?
BL-B3141-L BRIGHT-BL-B3141-L_2 Datasheet
311Kb / 5P
T-1 STANDARD 1.0" LEAD 3?
BL-BEG201_V1 BRIGHT-BL-BEG201_V1 Datasheet
283Kb / 5P
T-1 STANDARD 1.0" LEAD 3?
logo
Visual Communications C...
CM8798 VCC-CM8798 Datasheet
31Kb / 1P
Wire Terminal (standard)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com