Electronic Components Datasheet Search
  English  ▼

X  

CMD28-21 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMD28-21
Description  SMT LEDs Tape and reel packaged for high-speed autoinsertion.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMD28-21 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMD28-21 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
CMD28-21 Series SMT LEDs
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A TINGS
0.16
17.0
3.0
6.0
150
-40 to +85
-40 to +85
105
150
640
-
0.1
2.8
2.0
1
Clear
H.E . R ed
CMD28-21VRC/TR8/T1
150
-40 to +85
-40 to +85
100
150
660
-
11.0
2.4
1.7
20
Clear
Red
CMD28-21S R C/TR 8
150
-40 to +85
-40 to +85
100
150
640
-
1.5
2.8
2.0
20
Clear
Red
CMD28-21VR C/TR 8
150
-40 to +85
-40 to +85
105
150
585
-
3.5
2.8
2.0
20
Clear
Yellow
CMD28-21VYC/TR 8
CMD28-21VGC/TR 8
Single
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Storage T emperature (
°C)
P eak F orward C urrent Max. (1
µs@ 10% duty cycle) (mA)
Package T ype
V iewing Angle 20 1/2 (degrees)
Green
Clear
20
2.1
2.8
1.0
5.5
-
570
150
105
-40 to +85
-40 to +85
150
Single
Single
Single
Single
Revers e V oltage (IR=100
µA) (V)
5.0
5.0
5.0
5.0
5.0
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
5
1.6
0.16
0.4
150
-40 to +85
-40 to +85
100
150
660
-
1.0
2.4
1.7
1
Clear
Red
CMD28-21SR C/TR 8/T1
150
-40 to +85
-40 to +85
105
150
570
-
0.1
2.8
2.1
1
Clear
Green
CMD28-21VGC/TR 8/T1
150
-40 to +85
-40 to +85
105
150
585
-
0.25
2.8
2.1
1
Clear
Yellow
CMD28-21VYC/TR 8/T1
Single
Single
Single
5.0
5.0
5.0
55
5
Surface Mount Technology
• Tape and reel packaged for high-speed
autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compactform enables high density placement.
• Gull Wing lead form
• Packaged 2000 pieces per reel.
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
• Low current types available.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet
strictest requirements.
• Designed to permit easy post-reflow solder
joint inspection.
0.40
0.50
0.26
0.13
±0.07
MAX.
0.80
1.40
±0.20
2.50
±0.20
4.20
MAX.
2.00
±0.20
CATHODE
All dimensions
in mm.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CMD28-21

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
SMT LEDs
CMD28-21SRC VCC-CMD28-21SRC Datasheet
662Kb / 1P
SMT LEDs
CMD28-21VGC VCC-CMD28-21VGC Datasheet
662Kb / 1P
SMT LEDs
CMD28-21VRC VCC-CMD28-21VRC Datasheet
662Kb / 1P
SMT LEDs
CMD28-21VYC VCC-CMD28-21VYC Datasheet
662Kb / 1P
SMT LEDs
More results

Similar Description - CMD28-21

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD67-21 CML-CMD67-21 Datasheet
68Kb / 1P
SMT LEDs Tape and reel packaged for high-speed autoinsertion
CMD67-21UWC CML-CMD67-21UWC Datasheet
67Kb / 1P
White SMT LEDs Tape and reel packaged for high-speed autoinsertion.
CMD93-21 CML-CMD93-21 Datasheet
76Kb / 1P
SMT LEDs Tape and reel packaged for high-speed autoinsertion.
logo
Harwin Plc
S7191-45R HARWIN-S7191-45R Datasheet
104Kb / 1P
SMT SPRING CONTACT (5.00mm HIGH) IN TAPE AND REEL
S7221-45R HARWIN-S7221-45R Datasheet
119Kb / 1P
SMT SPRING CONTACT (1.23mm HIGH) IN TAPE AND REEL
S7231-45R HARWIN-S7231-45R Datasheet
118Kb / 1P
SMT SPRING CONTACT (1.28mm HIGH) IN TAPE AND REEL
S7241-45R HARWIN-S7241-45R Datasheet
116Kb / 1P
SMT SPRING CONTACT (1.30mm HIGH) IN TAPE AND REEL
S7131-45R HARWIN-S7131-45R Datasheet
106Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (2.00mm HIGH)
S7151-45R HARWIN-S7151-45R Datasheet
108Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (3.00mm HIGH)
S7161-45R HARWIN-S7161-45R Datasheet
81Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (3.50mm HIGH)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com