Electronic Components Datasheet Search
  English  ▼

X  

ADM1185ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADM1185ARMZ Datasheet HTML 1Page - Analog Devices ADM1185ARMZ Datasheet HTML 2Page - Analog Devices ADM1185ARMZ Datasheet HTML 3Page - Analog Devices ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Technical Data
ADM1185
Rev. PrK | Page 5 of 12
PIN CONFIGURATIONS
1
2
3
4
ADM1185
TOP VIEW
(NOT TO SCALE)
Vcc
OUT2
OUT3
5
PWRGD
10
9
8
7
6
VIN4
VIN2
VIN1
VIN3
OUT1
GND
Figure 3. Pin Configurations
PIN FUNCTIONAL DESCRIPTIONS
Table 3.
Pin No.
Name
Description
1
GND
Chip Ground Pin.
2
VIN1
Non-inverting input of comparator 1. The voltage on this pin is compared with a 0.6V reference. Can be used
to monitor a voltage rail via a resistor divider.
3
VIN2
Non-inverting input of comparator 2. The voltage on this pin is compared with a 0.6V reference. Can be used
to monitor a voltage rail via a resistor divider.
4
VIN3
Non-inverting input of comparator 3. The voltage on this pin is compared with a 0.6V reference. Can be used
to monitor a voltage rail via a resistor divider.
5
VIN4
Non-inverting input of comparator 4. The voltage on this pin is compared with a 0.6V reference. Can be used
to monitor a voltage rail via a resistor divider.
6
PWRGD
Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when
the voltage on VIN4 is greater than 0.6V. A time delay of 190ms (typical) is included before assertion of this
pin. After power-up (after PWRGD asserts) this output will be driven low if any of the voltages on the VIN1-
VIN4 pins falls below 0.6V.
7
OUT3
Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when
the voltage on VIN3 is greater than 0.6V. After power-up (after PWRGD asserts) this output will be driven low
if the voltage on VIN1 falls below 0.6V.
8
OUT2
Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when
the voltage on VIN2 is greater than 0.6V. After power-up (after PWRGD asserts) this output will be driven low
if the voltage on VIN1 falls below 0.6V.
9
OUT1
Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when
the voltage on VIN1 is greater than 0.6V. A time delay of 190ms (typical) is included before assertion of this
pin. After power-up (after PWRGD asserts) this output will be driven low if the voltage on VIN1 falls below
0.6V.
10
VCC
Positive supply input pin. The operating supply voltage range is 2.7 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com