Electronic Components Datasheet Search
  English  ▼

X  

CMD264UBD Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMD264UBD
Description  T-1 and T-1 3/4 Blue LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMD264UBD Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMD264UBD Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-1 and T-1 3/4 Blue LED Lamps
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A T INGS
ANODE
.100
Ø.128
Ø.114
TY P .
.020 S Q.
.040
MIN.
1.00
.040
.177
All dimensions
in inches.
ANODE
.100
Ø.232
Ø.197
TY P .
.020 S Q.
.0400
MIN.
1.00
.040
.339
T-1
T-1 3/4
These revolutionary new LED
lamps emit a true blue color
(430 nm) for those design
engineers looking for that fourth
status color. Lamps are
manufactured with state of the
art Silicon Carbide (SIC)
technology.
LED lamps are available in both
T-1 and T-1 3/4 package sizes,
in both diffused and non-diffused
lens types.
800
350
250
100
-20 to +80
-20 to +80
98
12
430
-
600
5.5
4.9
20
Clear
Blue
CMD383UB C
100
-20 to +80
-20 to +80
98
24
430
-
250
5.5
4.9
20
Clear
Blue
C MD383UB C /H2
100
-20 to +80
-20 to +80
98
30
430
-
160
5.5
4.9
20
Clear
Blue
C MD264UB C
C MD264UB D
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs @ 10% duty cycle) (mA)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Blue
Blue
20
4.9
5.5
63
100
-
430
45
98
-20 to +80
-20 to +80
100
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
5
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
T-1 3/4
T-1
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CMD264UBD

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMD264UBD VCC-CMD264UBD Datasheet
77Kb / 1P
Blue LED Lamps
More results

Similar Description - CMD264UBD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
T-1 3/4 Blinking LED Lamps
MT810-R MARKTECH-MT810-R Datasheet
43Kb / 1P
STANDARD T-1 3/4 LED LAMPS
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD3350 CML-CMD3350 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
T-1 3/4 Diffused LED Lamps
HLMP3750 CML-HLMP3750 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
logo
Everlight Electronics C...
Y2C0-AUYB EVERLIGHT-Y2C0-AUYB Datasheet
113Kb / 6P
LED lamps Popular T-1 3/4
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com