Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DG401
Description  Monolithic CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DG401 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DG401 Datasheet HTML 1Page - Renesas Technology Corp DG401 Datasheet HTML 2Page - Renesas Technology Corp DG401 Datasheet HTML 3Page - Renesas Technology Corp DG401 Datasheet HTML 4Page - Renesas Technology Corp DG401 Datasheet HTML 5Page - Renesas Technology Corp DG401 Datasheet HTML 6Page - Renesas Technology Corp DG401 Datasheet HTML 7Page - Renesas Technology Corp DG401 Datasheet HTML 8Page - Renesas Technology Corp DG401 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN3284 Rev 11.00
Page 1 of 12
Nov 20, 2006
FN3284
Rev 11.00
Nov 20, 2006
DG401, DG403
Monolithic CMOS Analog Switches
DATASHEET
The DG401 and DG403 monolithic CMOS analog switches
have TTL and CMOS compatible digital inputs.
These switches feature low analog ON resistance (<45
)
and fast switch time (tON<150ns). Low charge injection
simplifies sample and hold applications.
The improvements in the DG401, DG403 series are made
possible by using a high voltage silicon-gate process. An
epitaxial layer prevents the latch-up associated with older
CMOS technologies. The 44V maximum voltage range
permits controlling 30VP-P signals. Power supplies may be
single-ended from +5V to +34V, or split from
5V to 17V.
The analog switches are bilateral, equally matched for AC or
bidirectional signals. The ON resistance variation with analog
signals is quite low over a
15V analog input range. The three
different devices provide the equivalent of two SPST (DG401)
or two SPDT (DG403) relay switch contacts with CMOS or
TTL level activation. The pinout is similar, permitting a
standard layout to be used, choosing the switch function as
needed.
Pinouts
DG401
(16 LD SOIC, TSSOP)
TOP VIEW
DG403
(16 LD SOIC, TSSOP)
TOP VIEW
NOTE: (NC) No Connection.
Features
• ON Resistance (Max). . . . . . . . . . . . . . . . . . . . . . . . . 45
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . .<35W
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns
• Low Charge Injection
• DG401 Dual SPST; Same Pinout as HI-5041
• DG403 Dual SPDT; DG190, IH5043, IH5151, HI-5051
• TTL, CMOS Compatible
• Single or Split Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Audio Switching
• Battery Operated Systems
• Data Acquisition
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Automatic Test Equipment
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
NC
NC
NC
NC
NC
D2
NC
S1
V-
GND
VL
V+
IN2
S2
IN1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
NC
D3
S3
S4
D4
D2
NC
S1
V-
GND
VL
V+
IN2
S2
IN1
Ordering Information
PART
NUMBER*
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
DG401DY*
DG401DY
-40 to +85 16 Ld SOIC
M16.15
DG401DYZ*
(Note)
DG401DYZ
-40 to +85 16 Ld SOIC
(Pb-free)
M16.15
DG401DVZ*
(Note)
DG401 DVZ
-40 to +85 16 Ld TSSOP
(Pb-free)
M16.173
DG403DY*
DG403DY
-40 to +85 16 Ld SOIC
M16.15
DG403DYZ*
(Note)
DG403DYZ
-40 to +85 16 Ld SOIC
(Pb-free)
M16.15
DG403DVZ*
(Note)
DG403 DVZ
-40 to +85 16 Ld TSSOP
(Pb-free)
M16.173
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.


Similar Part No. - DG401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
More results

Similar Description - DG401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
Monolithic CMOS Analog Switches
June 1999
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG401883 INTERSIL-DG401883 Datasheet
291Kb / 12P
Monolithic CMOS Analog Switches
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG401 INTERSIL-DG401_06 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com