Electronic Components Datasheet Search
  English  ▼

X  

CMDA5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMDA5
Description  HIGH BRIGHTNESS 0805 Package Size Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMDA5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
AND
FEA TURES
CMDA5 Series HIGH BRIGHTNESS 0805 Package Size Surface Mount LED
Features
• High brightness
• Small size
• Industrial standard
0805 Footprint
• Diffused optics
• Top emitting
• Compatible with IR
solder profiles
• Ideal for use with
Light Pipes
• Available in 8 mm
tape on 7" diameter
reel
• Packaged 4,000
pieces per reel
Applications
• LCD backlighting
• Push button
backlighting
• Front panel indicator
• Symbol indicator
• Microdisplays
• Small message
panel signage
CAUTION: CMDA5AG
and CMDA5CB are
Class 1 ESD sensitive
per MIL-STD-1686.
Please observe
appropriate
precautions during
handling and
processing.
The model numbers listed above are standard off the shelf parts. For the user who may have a requirement calling for various color/electrical
specifications, a part number can be determined by calling the factory.
ELECTRO-OPTICAL
CHARACTERISTICS
AND
RA TINGS
Part
Diffusion
Package
Test
Forward
Forward
Luminous
Luminous
Peak
Viewing
Number
Color
Color
Current
Voltage
Voltage
Intensity
Intensity
Wavelength
Angle
(mA)
Typ. (V)
Max. Typ. (V) Min. (mcd)
Typ. (mcd)
(nm)
(Degrees)
CMDA5BY7D1S
Green
Diffused
Clear
20
2.1
2.6
16
50
570
170
CMDA5CB7D1S
Blue
Diffused
Clear
20
3.4
3.9
16
55
469
140
CMDA5AG7D1S
Green
Diffused
Clear
20
3.4
3.9
40
145
520
140
CMDA5BA7D1S
Orange
Diffused
Clear
20
1.9
2.4
25
90
609
170
CMDA5AR7D1S
Red
Diffused
Clear
20
1.9
2.4
25
90
637
170
CMDA5DY7D1S
Amber
Diffused
Clear
20
1.9
2.4
25
90
595
170
ABSOLUTE
MAXIMUM
RA TINGS
TO
=
25
° C
Part
Power
Operating
Storage
Peak Forward
Reverse Voltage
Lead Solder Time
Number
Dissipation
Temperature
Temperature
Current Max.
(IR = 100 mA)
at 230
°C
(mW)
(
°C)
(
°C)
(See note 2) (mA)
(V)
(Seconds)
BY
52
-30 to +85
-40 to +85
-
5
10
CB
98
-30 to +85
-40 to +85
50
5
10
AG
98
-30 to +85
-40 to +85
50
5
10
BA
75
-30 to +85
-40 to +85
100
5
10
AR
75
-30 to +85
-40 to +85
100
5
10
DY
75
-30 to +85
-40 to +85
100
5
10
NOTES:
1. All dimensions are in millimeters (in).
2. 1 micro second @ 10% duty cycle
Output
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CMDA5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMDA5 VCC-CMDA5 Datasheet
564Kb / 1P
Mount LED
logo
Chicago Miniature Lamp,...
CMDA50AG15D13L CML-CMDA50AG15D13L Datasheet
416Kb / 1P
Power LED (2.5 Watt) Technical Datasheet
CMDA50AR15D13L CML-CMDA50AR15D13L Datasheet
416Kb / 1P
Power LED (2.5 Watt) Technical Datasheet
CMDA50CB15D13L CML-CMDA50CB15D13L Datasheet
416Kb / 1P
Power LED (2.5 Watt) Technical Datasheet
CMDA50CW15D13L CML-CMDA50CW15D13L Datasheet
416Kb / 1P
Power LED (2.5 Watt) Technical Datasheet
More results

Similar Description - CMDA5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7012X CML-7012X Datasheet
67Kb / 1P
Bright Chips High Brightness SMT LEDs 0805 Package Size
logo
Visual Communications C...
7012X VCC-7012X Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
logo
List of Unclassifed Man...
SM0805UYC ETC2-SM0805UYC Datasheet
636Kb / 5P
SURFACE MOUNT LED YELLOW, 0805 PACKAGE
logo
Bivar, Inc.
SM0805URC BIVAR-SM0805URC Datasheet
640Kb / 5P
SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
SM0805BWC BIVAR-SM0805BWC Datasheet
639Kb / 5P
SURFACE MOUNT LED BLUE, 0805 PACKAGE
Revision A 03/09
SM0805RC BIVAR-SM0805RC Datasheet
641Kb / 5P
SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UGC BIVAR-SM0805UGC Datasheet
1Mb / 5P
SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 08/22
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM0805YC BIVAR-SM0805YC Datasheet
1Mb / 5P
SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision D 10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com