Electronic Components Datasheet Search
  English  ▼

X  

EL1509CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL1509CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1509CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL1509CS Datasheet HTML 1Page - Renesas Technology Corp EL1509CS Datasheet HTML 2Page - Renesas Technology Corp EL1509CS Datasheet HTML 3Page - Renesas Technology Corp EL1509CS Datasheet HTML 4Page - Renesas Technology Corp EL1509CS Datasheet HTML 5Page - Renesas Technology Corp EL1509CS Datasheet HTML 6Page - Renesas Technology Corp EL1509CS Datasheet HTML 7Page - Renesas Technology Corp EL1509CS Datasheet HTML 8Page - Renesas Technology Corp EL1509CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN7015 Rev 2.00
Page 1 of 10
March 26, 2007
FN7015
Rev 2.00
March 26, 2007
EL1509
Medium Power Differential Line Driver
DATASHEET
The EL1509 is a dual operational amplifier designed for
customer premise line driving in DMT ADSL solutions. This
device features a high drive capability of 250mA while
consuming only 7.1mA of supply current per amplifier and
operating from a single 5V to 12V supply. This driver
achieves a typical distortion of less than -85dBc, at 150kHz
into a 25
 load. The EL1509 is available in the industry
standard 8 Ld SOIC as well as the thermally-enhanced 8 Ld
DFN package. Both are specified for operation over the full
-40°C to +85°C temperature range.
The EL1509 is ideal for ADSL, SDSL, HDSL2 and VDSL line
driving applications
.
Features
• Drives up to 250mA from a +12V supply
•20VP-P differential output drive into 100
• -85dBc typical driver output distortion at full output at
150kHz
• Low quiescent current of 7.5mA per amplifier
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL G.lite CO line driving
• ADSL full rate CPE line driving
• G.SHDSL, HDSL2 line driver
• Video distribution amplifier
• Video twisted-pair line driver
Pinouts
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL1509CS
1509CS
-
8 Ld SOIC
MDP0027
EL1509CS-T7
1509CS
7”
8 Ld SOIC
MDP0027
EL1509CS-T13
1509CS
13"
8 Ld SOIC
MDP0027
EL1509CSZ
(See Note)
1509CSZ
-
8 Ld SOIC
(Pb-Free)
MDP0027
EL1509CSZ-T7
(See Note)
1509CSZ
7”
8 Ld SOIC
(Pb-Free)
MDP0027
EL1509CSZ-T13
(See Note)
1509CSZ
13"
8 Ld SOIC
(Pb-Free)
MDP0027
EL1509CL
1509CL
-
8 Ld DFN
MDP0047
EL1509CL-T7
1509CL
7"
8 Ld DFN
MDP0047
EL1509CL-T13
1509CL
13"
8 Ld DFN
MDP0047
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
EL1509
(8 LD SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
GND
INB+
VS
OUTA
-
+
EL1509
(8 LD DFN)
TOP VIEW
1
2
3
4
8
7
6
5
OUTA
GND
INA+
INA-
VS
INB+
INB-
OUTB
-
+
-
+
AMP A
AMP B


Similar Part No. - EL1509CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1509CS ELANTEC-EL1509CS Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1509CS INTERSIL-EL1509CS Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1509CS INTERSIL-EL1509CS Datasheet
225Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
EL1509CS-T13 INTERSIL-EL1509CS-T13 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1509CS-T13 INTERSIL-EL1509CS-T13 Datasheet
225Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1509CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
Medium Power Differential Line Driver
July 26, 2004
EL1506 INTERSIL-EL1506 Datasheet
86Kb / 2P
Medium Power Differential Line Driver
December 9, 2002
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com