Electronic Components Datasheet Search
  English  ▼

X  

EL4331 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL4331
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL4331 Datasheet HTML 2Page - Renesas Technology Corp EL4331 Datasheet HTML 3Page - Renesas Technology Corp EL4331 Datasheet HTML 4Page - Renesas Technology Corp EL4331 Datasheet HTML 5Page - Renesas Technology Corp EL4331 Datasheet HTML 6Page - Renesas Technology Corp EL4331 Datasheet HTML 7Page - Renesas Technology Corp EL4331 Datasheet HTML 8Page - Renesas Technology Corp EL4331 Datasheet HTML 9Page - Renesas Technology Corp EL4331 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EL4331
FN7162 Rev 1.00
Page 7 of 10
May 12, 2004
Applications Information
Circuit Operation
Each multiplexing amplifier has two input stages. The
multiplexing amplifiers switch from their “A” inputs to their “B”
inputs under control of the common A/B select pin. The
switching has a make before break action. Each amplifier is
internally connected for unity gain, allowing larger switching
matrixes to be built up. Note however, that each amplifier likes
to see a load of 250
 or less; load resistances higher than this,
can lead to excessive peaking. Load capacitance should be
kept down below 40pF, and 40pF requires a load resistance of
150
 to keep the output from excessive peaking. Higher
capacitive loads can best be driven using a series resistor to
isolate the amplifier from the reactive load.
The ground pins are used as a reference for the logic controls.
Both A/B and PD are referenced to ground. The supplies do
not have to be symmetrical around ground, but the logic inputs
are referred to the ground pins, and the logic swing must not
exceed the +V supply. Due to the fact that all three channels
share common control pins, the three grounds have to be at
the same potential. One third of the 1mA that PD will sink (at
5V) will be seen at each ground pin. Also, the individual
grounds are internally connected to their channel
compensation capacitor in an effort to keep crosstalk low.
A/B Switching
Referring to the photographs showing the 0V–0V switching
glitches, it will be noted that slower edges on the A/B control
pin result in switching glitches of somewhat less total energy.
The switching action is a make-before-break, so the two inputs
essentially get mixed at the output for a few nanoseconds.
Note that the two inputs are buffered, so there is no component
of one input injected into the other input. The input impedance
does not depend on whether an input has been selected.
Power-Down
Referring to the photographs of the power-down function and
Figure 4, it will be noted that there is a considerable glitch in
the output as the part powers down. It will also be noted that
the power-down time is considerably longer than power up,
1µs compared to 150ns. In power-down mode, the whole
amplifier, its reference and bias lines are all powered down. At
the same time, the output stage has been configured so that
the powered down output appears as a high impedance. This
allows circuits such as the multiplexer shown in application #4
to be realized, although the price is the significant output
disturbance as one part turns on before the other has fully
turned off.
Single Supply Operation
Due to the fact that video signals often have negative sync
levels and invariably require ground to be within the signal
swing, running the EL4331 on a single supply rail
compromises many aspects of its performance. It is difficult to
generate a solid, clean, pseudo ground a few volts away from
ground without using more power, and components than
simply providing a negative power rail. A signal ground has to
be capable of handling all the return currents from all the
inputs, as well as the outputs, from DC to frequencies in
excess of 400MHz. While this is by no means impossible, a
negative rail can be generated from a standard +5V rail for a
couple of dollars and a square inch, or less, of board space.
However, a pseudo ground can be derived with for example an
LM336, to give an “AC ground” 2.5V above 0V. The logic
inputs will need some form of level shifting to ensure that the
logic “1” and “0” specifications can be met. The pseudo ground
must be well bypassed to the real ground; note that the pseudo
ground will have to sink/source all the current that flows in the
internal compensation capacitors during slewing. This can
easily be several milliamps in a few nanoseconds. If the
pseudo ground “moves” because one channel is forcing
current into the derived ground, cross-talk into the other two
channels will become very significant.
Application Circuit #1
Figure 1 shows a very high speed RGB (or YUV) multiplexer.
Two video sources can be displayed on one monitor with the
only stipulation that the video sources have to be synchronous.
An example is a picture-in-picture, or “window” is generated
Pin Descriptions
PIN NAME
PIN DESCRIPTION
A1, A2, A3
“A” inputs to amplifiers 1, 2 and 3 respectively
B1, B2, B3
“B” inputs to amplifiers 1, 2 and 3 respectively
GND1, GND2, GND3
These are the individual ground pins for each channel.
OUT1, OUT2, OUT3
Amplifier outputs. Note there is no short circuit protection.
VCC
Positive power supply. Typically +5V.
VEE
Negative power supply, typically -5V.
A/B
Common input select pin, a logic high selects the “A” inputs, logic low selects the “B” inputs. If left to float, this pin
will float high and the “A” channels will be selected.
PD
A logic low puts the part into its power-down mode. Note that when this pin is at a logic high (+5V), it will sink typically
1mA. When pulled low, it will source a few µA, typically < 25µA. This pin should not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com