| Electronic Components Datasheet Search |
|
AD7680 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7680 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 24 page ![]() AD7693 Preliminary Technical Data Rev. PrB | Page 20 of 24 CS MODE 4-WIRE WITH BUSY INDICATOR This mode is usually used when a single AD7693 is connected to an SPI-compatible digital host, which has an interrupt input, and it is desired to keep CNV, which is used to sample the analog input, independent of the signal used to select the data reading. This requirement is particularly important in applications where low jitter on CNV is desired. The connection diagram is shown in Figure 39, and the corresponding timing is given in Figure 40. With SDI high, a rising edge on CNV initiates a conversion, selects the CS mode, and forces SDO to high impedance. In this mode, CNV must be held high during the conversion phase and the subsequent data readback. (If SDI and CNV are low, SDO is driven low.) Prior to the minimum conversion time, SDI can be used to select other SPI devices, such as analog multiplexers, but SDI must be returned low before the minimum conversion time elapses and then held low for the maximum possible conversion time to guarantee the generation of the busy signal indicator. When the conversion is complete, SDO goes from high impedance to low impedance. With a pull-up on the SDO line, this transition can be used as an interrupt signal to initiate the data readback controlled by the digital host. The AD7693 then enters the acquisition phase and powers down. The data bits are clocked out, MSB first, by subsequent SCK falling edges. The data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge will allow a faster reading rate, provided it has an acceptable hold time. After the optional 17th SCK falling edge, or SDI going high, whichever is earlier, SDO returns to high impedance. DATA IN IRQ CLK CONVERT CS1 VIO DIGITAL HOST CNV SCK SDO SDI AD7693 CS Figure 39. 4-Wire Mode with Busy Indicator Connection Diagram SDO D15 D14 D1 D0 tDIS SCK 1 2 3 151617 tSCK tSCKL tSCKH tHSDO tDSDO tEN CONVERSION ACQUISITION tCONV tCYC tACQ ACQUISITION SDI CNV tSSDICNV tHSDICNV CS Figure 40. 4-Wire Mode with Busy Indicator Serial Interface Timing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |