Electronic Components Datasheet Search
  English  ▼

X  

FN7368 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN7368
Description  VCOM with Dual Gamma Buffer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7368 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN7368 Datasheet HTML 1Page - Renesas Technology Corp FN7368 Datasheet HTML 2Page - Renesas Technology Corp FN7368 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
FN7368
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
EL5228
VCOM with Dual Gamma Buffer
The EL5228 integrates a high power
VCOM amplifier with dual gamma
reference voltage buffers. With 180mA
peak and 65mA typical output current, the VCOM amplifier is
suitable for all sizes of LCD displays. The dual gamma
buffers can output 30mA typical, 120mA peak and feature a
bandwidth of 12MHz and a slew rate of 15V/µs. The VCOM
amplifier has a 44MHz bandwidth and 80V/µs slew rate.
The EL5228 operates from just 3.5mA typical supply current
and is packaged in the high-power DFN-10 package. It is
specified for operation over the -40°C to +85°C temperature
range.
Pinout
EL5228
(10-PIN DFN)
TOP VIEW
TOP VIEW
Features
• High power VCOM amplifier
- 180mA peak (65mA typ.) output current
- 55MHz bandwidth
- 75V/µs slew rate
• Dual gamma buffers
- 120mA peak (30mA typ.) output current
- 12MHz bandwidth
- 10V/µs slew rate
• Just 3.5mA supply current
• Small DFN-10 package
Applications
• TFT-LCD displays
• Flat panel monitors
• Notebook displays
•LCD-TVs
1
2
3
4
10
9
8
7
5
6
THERMAL
PAD
VOUTA
VINA
VDD
VINC+
VOUTB
VINB
VSS
NC
VOUTC
VINC-
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL5228IL
10-Pin DFN
-
MDP0047
EL5228IL-T13
10-Pin DFN
13”
MDP0047
EL5228IL-T7
10-Pin DFN
7”
MDP0047
Data Sheet
March 25, 2004


Similar Part No. - FN7368

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
FN7350 EUROQUARTZ-FN7350 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
More results

Similar Description - FN7368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
Dual VCOM Amplifier & Gamma Reference Buffer
July 26, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Intersil Corporation
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
May 4, 2007
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com