Electronic Components Datasheet Search
  English  ▼

X  

EL5481CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5481CS Datasheet(HTML) 8 Page - Renesas Technology Corp

  EL5481CS Datasheet HTML 1Page - Renesas Technology Corp EL5481CS Datasheet HTML 2Page - Renesas Technology Corp EL5481CS Datasheet HTML 3Page - Renesas Technology Corp EL5481CS Datasheet HTML 4Page - Renesas Technology Corp EL5481CS Datasheet HTML 5Page - Renesas Technology Corp EL5481CS Datasheet HTML 6Page - Renesas Technology Corp EL5481CS Datasheet HTML 7Page - Renesas Technology Corp EL5481CS Datasheet HTML 8Page - Renesas Technology Corp EL5481CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EL5481, EL5482
FN7199 Rev 0.00
Page 8 of 9
June 14, 2001
Applications Information
Power Supplies and Circuit Layout
The EL5481 and EL5482 comparators operate with single and
dual supply with 5V to 12V between VS+ and VS-. The output
side of the comparators is supplied by a single supply from
2.7V to 5V. The rail to rail output swing enables direct
connection of the comparator to both CMOS and TTL logic
circuits. As with many high speed devices, the supplies must
be well bypassed. Elantec recommends a 4.7µF tantalum in
parallel with a 0.1µF ceramic. These should be placed as close
as possible to the supply pins. Keep all leads short to reduce
stray capacitance and lead inductance. This will also minimize
unwanted parasitic feedback around the comparator. The
device should be soldered directly to the PC board instead of
using a socket. Use a PC board with a good, unbroken low
inductance ground plane. Good ground plane construction
techniques enhance stability of the comparators.
Input Voltage Considerations
The EL5481 and EL5482 input range is specified from 0.1V
below VS- to 2.25V below VS+. The criterion for the input limit
is that the output still responds correctly to a small differential
input signal. The differential input stage is a pair of PNP
transistors, therefore, the input bias current flows out of the
device. When either input signal falls below the negative input
voltage limit, the parasitic PN junction formed by the substrate
and the base of the PNP will turn on, resulting in a significant
increase of input bias current. If one of the inputs goes above
the positive input voltage limit, the output will still maintain the
correct logic level as long as the other input stays within the
input range. However, the propagation delay will increase.
When both inputs are outside the input voltage range, the
output becomes unpredictable. Large differential voltages
greater than the supply voltage should be avoided to prevent
damages to the input stage. Inputs of unused channels should
not be left floating. They should be driven to a known state. For
example, one input can be tied to ground and the other input
can be connected to some voltage reference (like ±100mV) to
avoid oscillation in the output due to unwanted output to input
feedback.
Input Slew Rate
Most high speed comparators oscillate when the voltage of
one of the inputs is close to or equal to the voltage on the other
input due to noise or undesirable feedback. For clean output
waveform, the input must meet certain minimum slew rate
requirements. In some applications, it may be helpful to apply
some positive feedback (hysteresis) between the output and
the positive input. The hysteresis effectively causes one
comparator's input voltage to move quickly past the other, thus
taking the input out of the region where oscillation occurs. For
the EL5481 and EL5482, the propagation delay increases
when the input slew rate increases for low overdrive voltages.
With high overdrive voltages, the propagation delay does not
change much with the input slew rate.
Latch Pin Dynamics
The EL5482 contains a “transparent” latch for each channel.
The latch pin is designed to be driven with either a TTL or
CMOS output. When the latch is connected to a logic high level
or left floating, the comparator is transparent and immediately
responds to the changes at the input terminals. When the latch
is switched to a logic low level, the comparator output remains
latched to its value just before the latch’s high-to-low transition.
To guarantee data retention, the input signal must remain the
same state at least 1ns (hold time) after the latch goes low and
at least 2ns (setup time) before the latch goes low. When the
latch goes high, the new data will appear at the output in
approximately 6ns (latch propagation delay). The EL5481 has
no latch pins.
Hysteresis
Hysteresis can be added externally. The following two
methods can be used to add hysteresis.
Inverting comparator with hysteresis:
R3 adds a portion of the output to the threshold set by R1 and
R2. The calculation of the resistor values are as follows:
Select the threshold voltage VTH and calculate R1 and R2. The
current through R1/R2 bias string must be many times greater
than the input bias current of the comparator:
Let the hysteresis be VH, and calculate R3:
where:
VO=VSD-0.8V (swing of the output)
Recalculate R2 to maintain the same value of VTH:
Non inverting comparator with hysteresis:
R3 adds a portion of the output to the positive input. Note that
the current through R3 should be much greater than the input
bias current in order to minimize errors. The calculation of the
resistor values as follows:
+
-
R3
VIN
VREF
R2
R1
VTH
VREF
R1
R1 R2
+
---------------------
=
R3
VO
VH
--------
R1
R2

=
R21VREF
VTH
VTH
R1
-----------
–
VTH 0.5VSD
–
R3
--------------------------------------
+
=
+
-
R3
VIN
VREF
R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com