Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-87 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9248-87
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-87 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9248-87 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-87 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS9248-87
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
Power Groups
GNDREF, VDDREF = REF1, X1, X2
GNDPCI, VDDPCI = PCICLK [7:0]
GNDSDRAM, VDDSDRAM = SDRAM [8:0]
GND3V66,VDD3V66=3V66
VDD48 = 48MHz, 24MHz
GNDCOR, VDDCOR = supply for PLL core
VDDLAPIC = IOAPIC
GNDLCPU, VDDLCPU = CPUCLKL [1:0]
The ICS9248-87 is the single chip clock solution for designs
using 810/810E style chipset. It provides all necessary clock
signals for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-87
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
REF1
OUT
14.318 MHz reference clock.
FS3
IN
Frequency select pin.
2, 6, 16, 24, 27, 34,
42
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers, reference
output buffers and 48MHz output
3
X1
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output, nominally 14.318MHz.
5, 9, 13, 20, 26, 30,
38
GND
PWR
Ground pin for 3V outputs.
8, 7
3V66 [1:0]
OUT
3V66 clock outputs.
FS0
IN
Frequency select pin.
PCICLK0
OUT
PCI clock output.
FS1
IN
Frequency select pin.
PCICLK1
OUT
PCI clock output.
FS2
IN
Frequency select pin.
PCICLK2
OUT
PCI clock output.
19, 18, 17, 15, 14
PCICLK [7:3]
OUT
PCI clock outputs.
21, 22
48MHz
OUT
48MHz output clocks
SEL24_48#
IN
Sel pin for enabling 24MHz or 48MHz
H=24MHz L=48MHz
24_48MHz
OUT
Clock output for super I/O/USB
25
SDATA
IN
Data input for I2C serial input, 5V tolerant input
28
SCLK
IN
Clock input of I2C input, 5V tolerant input
29
PD#
IN
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the power down will not be greater than 3ms.
31
SDRAM_F
OUT
SDRAM clock output - free running not affected by I
2C
32, 33, 35, 36, 37,
39, 40, 41
SDRAM [7:0]
OUT
SDRAM clock outputs
43
GNDLCPU
PWR
Ground pin for the CPU clocks.
44, 45
CPUCLK [1:0]
OUT
CPU clock outputs.
46
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
47
IOAPIC
OUT
2.5V clock output
48
VDDLAPIC
PWR
Power pin for the IOAPIC. 2.5V
23
1
11
12
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com