Electronic Components Datasheet Search
  English  ▼

X  

ICS932S401 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS932S401
Description  Programmable Timing Control Hub for Intel-based Servers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S401 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS932S401 Datasheet HTML 6Page - Renesas Technology Corp ICS932S401 Datasheet HTML 7Page - Renesas Technology Corp ICS932S401 Datasheet HTML 8Page - Renesas Technology Corp ICS932S401 Datasheet HTML 9Page - Renesas Technology Corp ICS932S401 Datasheet HTML 10Page - Renesas Technology Corp ICS932S401 Datasheet HTML 11Page - Renesas Technology Corp ICS932S401 Datasheet HTML 12Page - Renesas Technology Corp ICS932S401 Datasheet HTML 13Page - Renesas Technology Corp ICS932S401 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS932S401
0921G—08/24/09
Test Load
CL=5pF
Rs
Zo
ICS932S401
SEPP Output Buffer
(Single Ended
Push Pull)
Rs
Zo
Rs
Zo
SEPP Output Buffer
(Single Ended
Push Pull)
CL=5pF
CL=5pF
The singled-ended outputs of the ICS 932S401E default to a drive strength of 2
loads. The REF clocks can be turned down to 1-load strength via the SMBus.
Suggested termination resistors are as follows for transmission lines with Zo =
50 ohms:
Driving 1 load, Rs = 33 ohms
Driving 2 loads, Rs = 7.5 ohms
Single-ended outputs at 1-load strength (REF clock only)
Driving 1 load, Rs = 22 ohms
Single-ended outputs at 2-load strength (Power up default
for all single-ended outputs)
Single-ended Output Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com