Electronic Components Datasheet Search
  English  ▼

X  

RKP415KS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKP415KS
Description  Composite Pin Diode for Antenna Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP415KS Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKP415KS Datasheet HTML 1Page - Renesas Technology Corp RKP415KS Datasheet HTML 2Page - Renesas Technology Corp RKP415KS Datasheet HTML 3Page - Renesas Technology Corp RKP415KS Datasheet HTML 4Page - Renesas Technology Corp RKP415KS Datasheet HTML 5Page - Renesas Technology Corp RKP415KS Datasheet HTML 6Page - Renesas Technology Corp RKP415KS Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RKP415KS
REJ03G1737-0100 Rev.1.00 Nov 27, 2008
Page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Power dissipation
Pd *
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
Per one device
Electrical Characteristics (HVL142AM Series)
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
—
—
100
nA
VR = 30 V
Forward voltage
VF
—
—
1.0
V
IF = 10 mA
Capacitance
C
—
—
0.35
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
—
—
1.3
Ω
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
—
100
—
—
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion ; I
R > 100 nA at VR = 30 V
2.
In the MFP12 package, some lead is exposed because the tip of the lead is used as the cutting plane.
Therefore, the solderability of the lead tip has been ignored. Please test and confirm before use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com