Electronic Components Datasheet Search
  English  ▼

X  

RTD120D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RTD120D
Description  Silicon-Based Thermopile Detector 120 Dual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RTD120D Datasheet(HTML) 4 Page - Renesas Technology Corp

  RTD120D Datasheet HTML 1Page - Renesas Technology Corp RTD120D Datasheet HTML 2Page - Renesas Technology Corp RTD120D Datasheet HTML 3Page - Renesas Technology Corp RTD120D Datasheet HTML 4Page - Renesas Technology Corp RTD120D Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R36DS0013EU0100 Rev.1.00
Page 4
Aug 31, 2021
RTD120D Datasheet
Figure 2. Package Outline Drawings – Side View
3. Ordering Information
4. Revision History
Orderable Part Number
Package
Temperature
Carrier Type
RH5Z1222D20GZO#ADO
9.22mm TO-5 package
-50 to +125°C
Tray
Revision
Date
Description
1.00
Aug 31, 2021
Initial release.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com