Electronic Components Datasheet Search
  English  ▼

X  

RTD60D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RTD60D
Description  Silicon-Based Thermopile Detector 60 Dual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RTD60D Datasheet(HTML) 1 Page - Renesas Technology Corp

  RTD60D Datasheet HTML 1Page - Renesas Technology Corp RTD60D Datasheet HTML 2Page - Renesas Technology Corp RTD60D Datasheet HTML 3Page - Renesas Technology Corp RTD60D Datasheet HTML 4Page - Renesas Technology Corp RTD60D Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
R36DS0014EU0100 Rev.1.00
Page 1
Aug 31, 2021
Copyright © 2021
The RTD60D is a two-channel silicon-based
thermopile detector in a TO-5 package. The device
offers a low-cost solution, with a small active area and
fast response, with a time constant of 18ms with
Nitrogen encapsulation gas.
Image Diagram
Detector Circuit Overlay
Applications
▪ Gas analysis
▪ Fire suppression
▪ Non-contact temperature sensors
▪ Horizon sensors
▪ Capnography
Features
▪ A two-channel silicon-based thermopile detector in
a TO-5 package
▪ Five pin, 9.22mm TO-5 package
▪ Each small active area size is 0.61 × 0.61 mm
▪ Delivers a time constant of 18ms with Nitrogen
encapsulation gas
▪ Very low Temperature Coefficient of Responsivity
of -0.04%/°C
▪ Very short thermal shock response to ambient
temperature change
▪ Internal 5% NTC chip thermistor provides ambient
package temperature measurement
▪ Internal aperture precisely defines active area for
applications with FOV and/or spot size
requirements
Benefits
▪ Low cost and small active area
RTD60D
Silicon-Based Thermopile Detector 60 Dual


Similar Part No. - RTD60D

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RTD60 EDI-RTD60 Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
Renesas Technology Corp
RTD60 RENESAS-RTD60 Datasheet
453Kb / 5P
Silicon-Based Thermopile Detector 60
Aug 31, 2021
More results

Similar Description - RTD60D

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPS333 PERKINELMER-TPS333 Datasheet
271Kb / 1P
Thermopile Detector
TPS334 PERKINELMER-TPS334 Datasheet
273Kb / 1P
Thermopile Detector
TPS334L106 PERKINELMER-TPS334L106 Datasheet
273Kb / 1P
Thermopile Detector
TPS434 PERKINELMER-TPS434 Datasheet
270Kb / 1P
Thermopile Detector
TPS534 PERKINELMER-TPS534 Datasheet
265Kb / 1P
Thermopile Detector
TPS535 PERKINELMER-TPS535 Datasheet
265Kb / 1P
Thermopile Detector
logo
Hamamatsu Corporation
T11361-01 HAMAMATSU-T11361-01 Datasheet
162Kb / 4P
Thermopile detector
logo
Renesas Technology Corp
RTD60 RENESAS-RTD60 Datasheet
453Kb / 5P
Silicon-Based Thermopile Detector 60
Aug 31, 2021
RTD120 RENESAS-RTD120 Datasheet
425Kb / 5P
Silicon-Based Thermopile Detector 120
Aug 31, 2021
RTD120D RENESAS-RTD120D Datasheet
4Mb / 5P
Silicon-Based Thermopile Detector 120 Dual
Aug 31, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com