Electronic Components Datasheet Search
  English  ▼

X  

TMDS341APFCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFCR
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMDS341APFCR Datasheet HTML 6Page - Texas Instruments TMDS341APFCR Datasheet HTML 7Page - Texas Instruments TMDS341APFCR Datasheet HTML 8Page - Texas Instruments TMDS341APFCR Datasheet HTML 9Page - Texas Instruments TMDS341APFCR Datasheet HTML 10Page - Texas Instruments TMDS341APFCR Datasheet HTML 11Page - Texas Instruments TMDS341APFCR Datasheet HTML 12Page - Texas Instruments TMDS341APFCR Datasheet HTML 13Page - Texas Instruments TMDS341APFCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TMDS
Driver
AVcc
RT
RT
TMDS
Receiver
ZO = RT
ZO = RT
V
OC(SS)
V
OC
t
PHL
t
PLH
100%
0V Differential
0%
80%
20%
t f
t
r
V
ID
0.4 V
0 V
−0.4 V
V OD(O)
VOD(U)
VOD(pp)
V
ID
V
ID(pp)
Vcc
R
INT
R
INT
TMDS
Receiver
TMDS
Driver
Y
Z
A
B
AVcc
RT
RT
VID
V
B
V
A
V
Y
V
Z
CL
0.5 pF
V
A
V
B
Vcc
Vcc−0.4 V
V
Y
V
Z
swing
=
−
V
V
ID
=
−
V
V
B
A
n
DC Coupled
Vcc+0.2 V
Vcc−0.2 V
AC Coupled
TMDS341A
SLLS702 – MAY 2006
Figure 1. Termination for TMDS Output Driver
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf < 100 ps, 100 MHz from
Agilent 81250. CL includes instrumentation and fixture capacitance within 0.06 m of the D.U.T. Measurement
equipment provides a bandwidth of 20 GHz minimum.
Figure 2. Timing Test Circuit and Definitions
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com