Electronic Components Datasheet Search
  English  ▼

X  

DV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DV
Description  DV series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DV series
DV-16100
16 characters x 1 line
Mechanical Data
Item
Standard Value
Unit
Module Dimensions
80.0(W) X 36.0(H) X 10.0 (D)
mm
Viewing Area
65.0(W) X 14.0(H)
mm
Dot Size
0.55(W) X 0.75(H)
mm
Dot Pitch
0.63(W) X 0.83(H)
mm
Absolute Maximum Ratings
Standard Value
Item
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage for Logic
Vdd-Vss
-0.3
--
7.0
V
Supply Voltage for LCD Drive
Vdd-Vee
Vdd-13.5
--
Vdd+0.3
V
Input Voltage
VI
-0.3
--
Vdd+0.3
V
Operation Temperature
Topr
0
--
50
oC
Storage Temperature
Tstg
-20
--
70
oC
Electrical Characteristics
Standard Value
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Input "High" Voltage
VIH
2.2
--
Vdd
V
Input "Low" Voltage
VIL
-IOH=0.205mA
0
--
0.6
V
Output "High" Voltage
VOH
IOL=1.2mA
0
--
0.4
V
Output "Low" Voltage
VOL
--
--
0.4
V
Supply Current
Idd
Vdd = 5V
--
2.0
5.0
mA
Pin Assignment
No.
Symbol
Function
No.
Symbol
Function
1
VSS
GND, 0V
10
DB3
Data Bus Line
2
VDD
+5V
11
DB4
Data Bus Line
3
VEE
For LCD Drive
12
DB5
Data Bus Line
4
RS
Function Select
13
DB6
Data Bus Line
5
R/W
Read/Write
14
DB7
Data Bus Line
6
E
Enable Signal
15
LED A
LED Supply
7 -9
DB0-DB2
Data Bus Line
16
LED K
LED Supply
Block Diagram
+5V
VDD
VDD
VEE
VR
VSS
COM8
DB0
DB7
COM8
E
LCD Pane l
R / W
RS
VEE
SEG40
SEG40
VDD
VSS
LED A
LED K
CONTROL
LSI
LED UN IT
External Dimensions
Option
LCD Type
Backlight Type
Built-in Control LSI
S1
S2
W
N
R
F
M
H
EL
LED
CCFL
Touch Panel
•
•
•
•
•
•
•
•
KS-0066U or equivalent
Remarks: S1 : yellow-green STN LCD , S2 : gray STN LCD, W : black & white LCD, N : negative type LCD, R : reflective type LCD,
F : transflective type LCD, M :
transmissive type LCD, H : extended temperature type LCD (-20
oC~70oC)
Tel.: +49 89 89979764
Fax: +49 89 89979765
Email: info@dst-gmbh.de


Similar Description - DV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV24200 ETC-DV24200 Datasheet
961Kb / 1P
DV series 24 characters x 2 lines
logo
PREMO CORPORATION S.L
FOVT-008B PREMO-FOVT-008B Datasheet
208Kb / 2P
dV/dT Output Filter
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
Dynamic dv/dt Rating
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
Dynamic dv/dt Rating
logo
PHOENIX CONTACT
2805038 PHOENIX-2805038 Datasheet
79Kb / 2P
BNC-DV 50
logo
Laird Tech Smart Techno...
385737-001 LSTD-385737-001 Datasheet
685Kb / 3P
MRC Series MRC150-DH2-HT-DV
02/15/2022
385755-001 LSTD-385755-001 Datasheet
634Kb / 3P
MRC Series MRC300-DH2-DV
02/15/2022
385760-001 LSTD-385760-001 Datasheet
634Kb / 3P
MRC Series MRC300-DH2-HT-DV
02/15/2022
logo
Lapp.
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com