Electronic Components Datasheet Search
  English  ▼

X  

BZX8450 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BZX8450
Description  Low-current voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BZX8450 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BZX8450 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BZX8450 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BZX8450 series
Low-current voltage regulator diodes
10. Characteristics
Table 7. Electrical characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Max
Unit
VF
forward voltage
IF = 10 mA
[1]
0.9
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
Table 8. Electrical characteristics per type: BZX8450-C1V8 to BZX8450-C10
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
Differential
resistance
rdiff (Ω)
Temperature
coefficient
SZ (mV/K)
IZ = 50 µA
IZ = 1 mA IZ = 5 mA
Reverse current
IR (µA)
IZ = 5 mA
Diode capacit.
Cd (pF)[1]
BZX8450-C
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
1V8
1.71
1.89
600
100
7.5
1.0
-3.5
0
220
2V0
1.88
2.12
600
100
7
1.0
-3.5
0
220
2V2
2.09
2.31
600
100
4
1.0
-3.5
0
210
2V4
2.28
2.52
600
100
2
1.0
-3.5
0
200
2V7
2.565
2.835
600
100
1
1.0
-3.5
0
190
3V0
2.85
3.15
600
100
0.8
1.0
-3.5
0.2
170
3V3
3.13
3.47
600
100
7.5
1.5
-3.5
1.2
160
3V6
3.42
3.78
600
95
7.5
2.0
-3.5
1.2
160
3V9
3.70
4.10
600
95
5.0
2.0
-2.7
2.5
150
4V3
4.09
4.52
600
95
4.0
2.0
-2.7
2.5
150
4V7
4.47
4.94
600
80
5.0
3.0
-2.7
2.5
140
5V1
4.85
5.36
500
60
5.0
3.0
-2.0
3.7
130
5V6
5.32
5.88
400
40
2.0
4.0
-2.0
3.7
120
6V2
5.89
6.51
160
10
1.0
5.0
0.4
4.5
110
6V8
6.46
7.14
80
15
0.1
5.1
1.2
4.5
100
7V5
7.13
7.88
80
15
0.1
5.7
2.5
5.3
150
8V2
7.79
8.61
80
15
0.1
6.2
3.2
6.2
150
9V1
8.65
9.56
100
15
0.1
6.9
3.8
7.0
150
10
9.50
10.50
150
20
0.1
7.6
4.5
8.0
90
[1] f = 1 MHz; VR = 0 V
BZX8450_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 18 January 2023
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com