Electronic Components Datasheet Search
  English  ▼

X  

M24256X-F Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 2 Page - STMicroelectronics

  M24256X-F Datasheet HTML 1Page - STMicroelectronics M24256X-F Datasheet HTML 2Page - STMicroelectronics M24256X-F Datasheet HTML 3Page - STMicroelectronics M24256X-F Datasheet HTML 4Page - STMicroelectronics M24256X-F Datasheet HTML 5Page - STMicroelectronics M24256X-F Datasheet HTML 6Page - STMicroelectronics M24256X-F Datasheet HTML 7Page - STMicroelectronics M24256X-F Datasheet HTML 8Page - STMicroelectronics M24256X-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
1
Description
The M24256X-F is a 256-Kbit I2C-compatible EEPROM (electrically erasable programmable memory) organized
as 32 K × 8 bits.
The M24256X-F can operate with a supply voltage from 1.65 V to 3.6 V, with a clock frequency up to 1 MHz, over
an ambient temperature range from -40 °C to +85 °C. It can also operate down to 1.6 V, under some restricting
conditions.
The M24256X-F offers three additional features, namely a 64-byte page, named identification page, which can
be used to store sensitive application parameters that can be (later) permanently locked in read-only mode, a
first 8-bit register, named configurable device address (CDA) register, authorizing the user, through software,
to configure up to eight possibilities of chip enable address, and a second 8-bit register, named software write
protection (SWP) register, authorizing the user, through software, to write protect a part or the full memory array.
Figure 1. Logic diagram
M24256X-F
VCC
VSS
SDA
SCL
Table 1. Signal names
Signal name
Function
Direction
SDA
Serial data
I/O
SCL
Serial clock
Input
VCC
Supply voltage
-
VSS
Ground
-
M24256X-F
Description
DS12380 - Rev 2
page 2/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com